Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS858012AKLF Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS858012AKLF
Description  LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS858012AKLF Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS858012AKLF Datasheet HTML 1Page - Integrated Circuit Systems ICS858012AKLF Datasheet HTML 2Page - Integrated Circuit Systems ICS858012AKLF Datasheet HTML 3Page - Integrated Circuit Systems ICS858012AKLF Datasheet HTML 4Page - Integrated Circuit Systems ICS858012AKLF Datasheet HTML 5Page - Integrated Circuit Systems ICS858012AKLF Datasheet HTML 6Page - Integrated Circuit Systems ICS858012AKLF Datasheet HTML 7Page - Integrated Circuit Systems ICS858012AKLF Datasheet HTML 8Page - Integrated Circuit Systems ICS858012AKLF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
858012AK
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 28, 2005
5
Integrated
Circuit
Systems, Inc.
ICS858012
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-
2.5V, 3.3V LVPECL FANOUT BUFFER
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
OUTPUT LOAD AC TEST CIRCUIT
DIFFERENTIAL INPUT LEVEL
OUTPUT SKEW
PART-TO-PART SKEW
OUTPUT RISE/FALL TIME
PROPAGATION DELAY
SINGLE ENDED & DIFFERENTIAL INPUT VOLTAGE SWING
V
EE
nIN
V
CC
IN
tsk(pp)
tsk(o)
nQx
Qx
nQy
Qy
PART 1
PART 2
nQx
Qx
nQy
Qy
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
t
PD
nIN
Q0, Q1
nQ0, nQ1
IN
V
IN, VOUT
800mV
(typical)
V
DIFF_IN, VDIFF_OUT
1.6V
(typical)
V
IH
Cross Points
V
IN
V
IL
V
IN
V
DIF_IN
SCOPE
Qx
nQx
LVPECL
2V
-0.375V to -1.63V
V
CC
V
EE


Similar Part No. - ICS858012AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS858020 IDT-ICS858020 Datasheet
156Kb / 14P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
ICS858020AK IDT-ICS858020AK Datasheet
156Kb / 14P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
ICS858020AKLF IDT-ICS858020AKLF Datasheet
156Kb / 14P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
ICS858020AKLFT IDT-ICS858020AKLFT Datasheet
156Kb / 14P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
ICS858020AKT IDT-ICS858020AKT Datasheet
156Kb / 14P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
More results

Similar Description - ICS858012AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
logo
Integrated Device Techn...
853S011BMILF IDT-853S011BMILF Datasheet
830Kb / 20P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
ICS853S011CI RENESAS-ICS853S011CI Datasheet
746Kb / 20P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
JULY 16, 2013
853S011B RENESAS-853S011B Datasheet
848Kb / 21P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
logo
Integrated Circuit Syst...
ICS85311 ICST-ICS85311 Datasheet
168Kb / 13P
   Low Skew, 1-to-2 Differential-to-2.5V/3.3V ECL/LVPECL Fanout Buffer
logo
Renesas Technology Corp
85311 RENESAS-85311 Datasheet
626Kb / 17P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
logo
Integrated Circuit Syst...
ICS853011C ICST-ICS853011C Datasheet
230Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
853S011B IDT-853S011B Datasheet
601Kb / 20P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com