Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

01M2001SPB3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 01M2001SPB3
Description  NTC Thermistors,Coated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

01M2001SPB3 Datasheet(HTML) 1 Page - Vishay Siliconix

  01M2001SPB3 Datasheet HTML 1Page - Vishay Siliconix 01M2001SPB3 Datasheet HTML 2Page - Vishay Siliconix 01M2001SPB3 Datasheet HTML 3Page - Vishay Siliconix 01M2001SPB3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 33003
Revision 22-Sep-04
www.vishay.com
18
M, C, T
Vishay Dale
For technical questions, contact thermistor1@vishay.com
FEATURES
• Small size - conformally coated.
• Wide resistance range.
•Available in 11 different R-T curves.
NTC Thermistors,Coated
CURVE
GLOBAL MODEL
RESISTANCE VALUE
POINT MATCH TOLERANCE
PACKAGING
01
C
2001 = 2K
F = ± 1%
F = Lead Free, Bulk
02
MJ = ± 5%
03
TK = ± 10%
P = Tin/Lead, Bulk
04
07
08
09
12
13
14
17
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: 01C2001FP (preferred part numbering format)
01
C
2
0
0
1
F
P
Historical Part Number example: 1C2001FP (will continue to be accepted)
01
C
2001
F
P
HISTORICAL CURVE
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
CURVE
GLOBAL MODEL
RESISTANCE VALUE
CHARACTERISTICS
PACKAGING
CURVE TRACK TOLERANCE*
01
C
2001 = 2K
SF = Lead Free, Bulk
02
M
03
TP = Tin/Lead, Bulk
04
07
08
09
12
13
14
17
New Global Part Numbering: 01C2001SPC3 (preferred part numbering format)
01
C
2
0
0
1S
PC3
Historical Part Number example: 1C2001SPC3 (will continue to be accepted)
1C
2001
S
P
C3
HISTORICAL CURVE
GLOBAL MODEL
RESISTANCE VALUE
CHARACTERISTIC
PACKAGING
CURVE TRACK TOLERANCE
A3
B3
C3
A2
B2
C2
A4
B4
A5
B5
C5
A8
B8
C8
*See following pages for Tolerance
explanations and details.
DESCRIPTION
Models M, C, and T are conformally coated, leaded thermistors for standard PC board mounting or assembly in probes.
The coating is baked-on phenolic for durability and long-term stability. Models M and C have tinned solid copper leads.
Model T has solid nickel wires with Teflon® insulation to provide isolation when assembled in metal probes or housings.
LD DIAMETER
WIRE SIZE
Type M
AWG 30: 0.0100 [0.254]
Type C
AWG 28: 0.0126 [0.320]
Type T
AWG 30: 0.0100 [0.254]
DIMENSIONS in inches [millimeters]
TINNED COPPER WIRE
TEFLON INSULATED NICKEL WIRE
BODY DIA.
MAX.
BODY DIA.
MAX.
1.5 [36.1] MIN.
CLEAN LEAD LENGTH
1/4 NOM.
3
± 0.25 [76.2 ± 6.4]


Similar Part No. - 01M2001SPB3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
01M2001SPB3 VISHAY-01M2001SPB3 Datasheet
96Kb / 5P
   NTC Thermistors, Radial Leaded and Coateds
01-Jan-2022
More results

Similar Description - 01M2001SPB3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
01C5001JP VISHAY-01C5001JP Datasheet
132Kb / 6P
   NTC Thermistors, Coated
Revision 22-Sep-04
01T1002FP VISHAY-01T1002FP Datasheet
132Kb / 6P
   NTC Thermistors Coated
Revision 22-Sep-04
01C1002FP VISHAY-01C1002FP Datasheet
101Kb / 5P
   NTC Thermistors, Radial Leaded and Coated
Revision: 12-Nov-09
07C5002JF VISHAY-07C5002JF Datasheet
91Kb / 5P
   NTC Thermistors, Radial Leaded and Coated
Revision: 24-Sep-15
logo
EPCOS
B57153S0 EPCOS-B57153S0 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting Leaded and coated disks
B57238S0259M000 EPCOS-B57238S0259M000_11 Datasheet
313Kb / 14P
   NTC thermistors for inrush current limiting Leaded and coated disks
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com