Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC2G66DCUR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC2G66DCUR
Description  DUAL BILATERAL ANALOG SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G66DCUR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUC2G66DCUR Datasheet HTML 2Page - Texas Instruments SN74AUC2G66DCUR Datasheet HTML 3Page - Texas Instruments SN74AUC2G66DCUR Datasheet HTML 4Page - Texas Instruments SN74AUC2G66DCUR Datasheet HTML 5Page - Texas Instruments SN74AUC2G66DCUR Datasheet HTML 6Page - Texas Instruments SN74AUC2G66DCUR Datasheet HTML 7Page - Texas Instruments SN74AUC2G66DCUR Datasheet HTML 8Page - Texas Instruments SN74AUC2G66DCUR Datasheet HTML 9Page - Texas Instruments SN74AUC2G66DCUR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VCC
VI = VCC or GND
VO
ron +
V
I * VO
I
S
W
VI – VO
GND
(ON)
V
B or A
C
A or B
VCC
VIH
VC
IS
0
20
40
60
80
100
120
0
1
2
3
VCC = 1.65 V
VCC = 1.1 V
VCC = 2.3 V
SN74AUC2G66
DUAL BILATERAL ANALOG SWITCH
SCES507A – NOVEMBER 2003 – REVISED JANUARY 2007
Figure 1. On-State Resistance Test Circuit
Figure 2. Typical ron as a Function of Voltage (VI) for VI = 0 to VCC
6
Submit Documentation Feedback


Similar Part No. - SN74AUC2G66DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G66DCUR TI-SN74AUC2G66DCUR Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results

Similar Description - SN74AUC2G66DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1 Datasheet
648Kb / 17P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
[Old version datasheet]   SN74LVC2G66 Dual Bilateral Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com