Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6182DWP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS6182DWP
Description  LOW-POWER DISSIPATION ADSL LINE DRIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6182DWP Datasheet(HTML) 4 Page - Texas Instruments

  THS6182DWP Datasheet HTML 1Page - Texas Instruments THS6182DWP Datasheet HTML 2Page - Texas Instruments THS6182DWP Datasheet HTML 3Page - Texas Instruments THS6182DWP Datasheet HTML 4Page - Texas Instruments THS6182DWP Datasheet HTML 5Page - Texas Instruments THS6182DWP Datasheet HTML 6Page - Texas Instruments THS6182DWP Datasheet HTML 7Page - Texas Instruments THS6182DWP Datasheet HTML 8Page - Texas Instruments THS6182DWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
www.ti.com
THS6182
SLLS544H – SEPTEMBER 2002 – REVISED JUNE 2007
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating free-air temperature range, T
A = 25°C, VCC = ±12 V, RF = 2 kΩ,
Gain = +5, I
ADJ = Bias1 = Bias2 = 0 V, RL = 50 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT CHARACTERISTICS
RL = 100 Ω
±3.9
±4.1
VCC = ±5 V
V
RL = 25 Ω
±3.7
±3.9
RL = 100 Ω
±10.7
±11
VO
Single-ended output voltage swing
VCC = ±12 V
V
RL = 25 Ω
±10 ±10.6
RL = 100 Ω
±13.5 ±13.9
VCC = ±15 V
V
RL = 25 Ω
±12.7 ±13.4
RL = 5 Ω
VCC = ±5 V
±350
±400
IO
Output current (1)
VCC = ±12 V
±450
±600
mA
RL = 10 Ω
VCC = ±15 V
±450
±600
I(SC)
Short-circuit current(1)
RL = 1 Ω
VCC = ±12 V
1000
mA
Output resistance
Open-loop
6
Output resistance—terminate mode
f = 1 MHz,
Gain = +10
0.05
Output resistance—shutdown mode
f = 1 MHz,
Open-loop
8.5
k
POWER SUPPLY
Dual supply
±4
±12 ±16.5
VCC
Operating range
V
Single supply
8
24
33
TA = 25°C
9.7
10.7
VCC = ± 5 V
mA
TA = full range
11.7
Quiescent current (each driver)(2)
TA = 25°C
11
12
Full-bias mode (Bias-1 = 0,
VCC = ± 12 V
mA
Bias-2 = 0)
TA = full range
12.5
(Trimmed with VCC = ±12 V at 25°C)
ICC
TA = 25°C
11.5
12.5
VCC = ±15 V
mA
TA = full range
13
Mid; Bias-1 - 1, Bias-2 = 0
7.5
8.5
Quiescent current (each driver)
Low; Bias-1 = 0, Bias-2 = 1
4
5
mA
Variable bias modes, VCC = ±12 V
Shutdown; Bias-1 = 1, Bias-2 = 1
0.25
0.9
TA = 25°C
-50
-56
VCC = ±5 V,
∆V
CC = ±0.5 V
TA = full range
-47
PSRR
Power supply rejection ratio
dB
TA = 25°C
-56
-60
VCC = ±12 V, ±15 V,
∆V
CC = ±1 V
TA = full range
-53
DYNAMIC PERFORMANCE
Gain = +1, RF = 1.2 k
100
Gain = +2, RF = 1 k
80
RL = 100 Ω
MHz
Gain = +5, RF = 1 k
35
Gain = +10, RF = 1 k
20
Single-ended small-signal bandwidth
BW
(-3 dB), VO = 0.1 Vrms
Gain = +1, RF = 1.5 k
65
Gain = +2, RF = 1 k
60
RL = 25 Ω
MHz
Gain = +5, RF = 1 k
40
Gain = +10, RF = 1 k
22
SR
Single-ended slew rate (3)
VO = 10 VPP,
Gain = +5
450
V/
µs
(1)
A heatsink is required to keep the junction temperature below absolute maximum rating when an output is heavily loaded or shorted.
See Absolute Maximum Ratings section for more information.
(2)
Approximately 0.5 mA (total) flows from VCC+ to GND for internal logic control bias.
(3)
Slew rate is defined from the 25% to the 75% output levels.
4
Submit Documentation Feedback


Similar Part No. - THS6182DWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182DWP TI-THS6182DWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6182DWPG4 TI-THS6182DWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6182DWPR TI-THS6182DWPR Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6182DWPRG4 TI-THS6182DWPRG4 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
More results

Similar Description - THS6182DWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182 TI-THS6182_07 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6032 TI-THS6032 Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
XFMRS Inc.
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
logo
Motorola, Inc
MC03AX1456CO MOTOROLA-MC03AX1456CO Datasheet
89Kb / 3P
   ADSL Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com