Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6182DR Datasheet(PDF) 10 Page - Texas Instruments

Part # THS6182DR
Description  LOW-POWER DISSIPATION ADSL LINE DRIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6182DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS6182DR Datasheet HTML 6Page - Texas Instruments THS6182DR Datasheet HTML 7Page - Texas Instruments THS6182DR Datasheet HTML 8Page - Texas Instruments THS6182DR Datasheet HTML 9Page - Texas Instruments THS6182DR Datasheet HTML 10Page - Texas Instruments THS6182DR Datasheet HTML 11Page - Texas Instruments THS6182DR Datasheet HTML 12Page - Texas Instruments THS6182DR Datasheet HTML 13Page - Texas Instruments THS6182DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
www.ti.com
7
8
9
10
11
12
13
14
15
16
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±12 V
Gain = 5
RL = 25 Ω
VO = 0.1 Vrms
Mid Bias
RF = 500
RF = 2 k
RF = 1 k
RF = 750
7
8
9
10
11
12
13
14
15
16
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±12 V
Gain = 5
RL = 25 Ω
VO = 0.1 Vrms
Low Bias
RF = 500
RF = 2 k
RF = 1 k
RF = 750
7
8
9
10
11
12
13
14
15
16
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±12 V
Gain = 5
RL = 100 Ω
VO = 0.1 Vrms
Full Bias
RF = 500
RF = 2 k
RF = 1 k
RF = 750
7
8
9
10
11
12
13
14
15
16
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±12 V
Gain = 5
RL = 100 Ω
VO = 0.1 Vrms
Mid Bias
RF = 500
RF = 2 k
RF = 1 k
RF = 750
7
8
9
10
11
12
13
14
15
16
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±12 V
Gain = 5
RL = 100 Ω
VO = 0.1 Vrms
Low Bias
RF = 2 k
RF = 1 k
RF = 750
RF = 500
12
13
14
15
16
17
18
19
20
21
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±12 V
Gain = 10
RL = 25 Ω
VO = 0.1 Vrms
Full Bias
RF = 2 k
RF = 1 k
RF = 500
12
13
14
15
16
17
18
19
20
21
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±12 V
Gain = 10
RL = 100 Ω
VO = 0.1 Vrms
Full Bias
RF = 2 k
RF = 1 k
RF = 500
7
8
9
10
11
12
13
14
15
16
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC= ±12 V
Gain = −5
RL = 25 Ω
VO = 0.1 Vrms
Full Bias
RF = 1 k
RF = 500
7
8
9
10
11
12
13
14
15
16
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±12 V
Gain = −5
RL = 100 Ω
VO = 0.1 Vrms
Full Bias
RF = 1 k
RF = 500
THS6182
SLLS544H – SEPTEMBER 2002 – REVISED JUNE 2007
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 23.
Figure 24.
Figure 25.
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 26.
Figure 27.
Figure 28.
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 29.
Figure 30.
Figure 31.
10
Submit Documentation Feedback


Similar Part No. - THS6182DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182DR TI-THS6182DR Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6182DRG4 TI-THS6182DRG4 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
More results

Similar Description - THS6182DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182 TI-THS6182_07 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6032 TI-THS6032 Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
XFMRS Inc.
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
logo
Motorola, Inc
MC03AX1456CO MOTOROLA-MC03AX1456CO Datasheet
89Kb / 3P
   ADSL Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com