Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1539 Datasheet(PDF) 11 Page - ams AG

Part # AS1539
Description  8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1539 Datasheet(HTML) 11 Page - ams AG

Back Button AS1539 Datasheet HTML 7Page - ams AG AS1539 Datasheet HTML 8Page - ams AG AS1539 Datasheet HTML 9Page - ams AG AS1539 Datasheet HTML 10Page - ams AG AS1539 Datasheet HTML 11Page - ams AG AS1539 Datasheet HTML 12Page - ams AG AS1539 Datasheet HTML 13Page - ams AG AS1539 Datasheet HTML 14Page - ams AG AS1539 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.austriamicrosystems.com
Revision 1.02
11 - 20
AS1539/AS1541
Data Sheet - D e t a i l e d D e s c r i p t i o n
Reference Voltage
The AS1539/AS1541 can operate with an internal 2.5V reference or an external reference. If a +5V supply is used, an
external +5V reference is required in order to provide full dynamic range for a 0V to +VDD analog input. The external
reference can be as low as 1V. When using a +2.7V supply, the internal +2.5V reference will provide full dynamic range
for a 0V to +2.5V analog input.
As the reference voltage is reduced, the analog voltage weight of each digital output code is reduced. This is often
referred to as the LSB (least significant bit) size and is equal to the reference voltage divided by 1024. This means that
any offset or gain error inherent in the A/D converter will appear to increase, in terms of LSB size, as the reference volt-
age is reduced.
Digital Interface
The AS1539/AS1541 supports the I
2C serial bus and data transmission protocol in high-speed mode at 3.4MHz. The
AS1539/AS1541 operates as a slave on the I
2C bus. The bus must be controlled by a master device that generates the
serial clock (SCL), controls the bus access, and generates the START and STOP conditions. Connections to the bus
are made via the open-drain I/O pins SCL and SDA.
Figure 24. Bus Protocol
The bus protocol (as shown in Figure 24) is defined as:
- Data transfer may be initiated only when the bus is not busy.
- During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data line
while the clock line is HIGH will be interpreted as control signals.
The bus conditions are defined as:
- Bus Not Busy. Data and clock lines remain HIGH.
- Start Data Transfer. A change in the state of the data line, from HIGH to LOW, while the clock is HIGH, defines a
START condition.
- Stop Data Transfer. A change in the state of the data line, from LOW to HIGH, while the clock line is HIGH,
defines the STOP condition.
- Data Valid. The state of the data line represents valid data, when, after a START condition, the data line is stable
for the duration of the HIGH period of the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of data
bytes transferred between START and STOP conditions is not limited and is determined by the master device.
The information is transferred byte-wise and each receiver acknowledges with a ninth-bit.
Within the I
2C bus specifications a high-speed mode (3.4MHz clock rate) is defined.
- Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge after the recep-
tion of each byte. The master device must generate an extra clock pulse that is associated with this acknowledge
SDA
SCL
Slave Address
R/W
Direction Bit
START
1
2
6
7
8
9
1
23-8
8
9
ACK
MSB
Repeat if More Bytes Transferred
STOP or
Repeated
START
ACK from
Receiver
ACK from
Receiver
ACK


Similar Part No. - AS1539

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1539 AMSCO-AS1539 Datasheet
746Kb / 20P
   8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
AS1539-BTST AMSCO-AS1539-BTST Datasheet
746Kb / 20P
   8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
AS1539-BTSU AMSCO-AS1539-BTSU Datasheet
746Kb / 20P
   8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
AS1539 AMSCO-AS1539_1 Datasheet
746Kb / 20P
   8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
More results

Similar Description - AS1539

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1539 AMSCO-AS1539_1 Datasheet
746Kb / 20P
   8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
logo
Zilog, Inc.
Z8F16800128ZCOG ZILOG-Z8F16800128ZCOG Datasheet
249Kb / 19P
   Optional fast 8-channel, 10-bit Analog-to-Digital Converter
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com