Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL750M08CKTPRG3 Datasheet(PDF) 4 Page - Texas Instruments

Part # TL750M08CKTPRG3
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL750M08CKTPRG3 Datasheet(HTML) 4 Page - Texas Instruments

  TL750M08CKTPRG3 Datasheet HTML 1Page - Texas Instruments TL750M08CKTPRG3 Datasheet HTML 2Page - Texas Instruments TL750M08CKTPRG3 Datasheet HTML 3Page - Texas Instruments TL750M08CKTPRG3 Datasheet HTML 4Page - Texas Instruments TL750M08CKTPRG3 Datasheet HTML 5Page - Texas Instruments TL750M08CKTPRG3 Datasheet HTML 6Page - Texas Instruments TL750M08CKTPRG3 Datasheet HTML 7Page - Texas Instruments TL750M08CKTPRG3 Datasheet HTML 8Page - Texas Instruments TL750M08CKTPRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
TL75xM05C Electrical Characteristics
(1)
TL75xM08C Electrical Characteristics
(1)
TL750M SERIES, TL751M SERIES
LOW-DROPOUT VOLTAGE REGULATORS
SLVS021K – JANUARY 1988 – REVISED OCTOBER 2006
V
I = 14 V, IO = 300 mA, ENABLE = 0 V for TL751M05, TJ = 25°C (unless otherwise noted)
TL750M05C
TL751M05C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
4.95
5
5.05
Output voltage
V
TJ = 0°C to 125°C
4.9
5.1
VI = 9 V to 16 V, IO = 250 mA
10
25
Input voltage regulation
mV
VI = 6 V to 26 V, IO = 250 mA
12
50
Ripple rejection
VI = 8 V to 18 V, f = 120 Hz
50
55
dB
Output regulation voltage
IO = 5 mA to 750 mA
20
50
mV
IO = 500 mA
0.5
Dropout voltage
V
IO = 750 mA
0.6
Output noise voltage
f = 10 Hz to 100 kHz
500
µV
IO = 750 mA
60
75
Bias current
mA
IO = 10 mA
5
Bias current (TL751Mxx only)
ENABLE
≥ 2 V
200
µA
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 10-µF tantalum capacitor
on the output, with equivalent series resistance within the guidelines shown in Figure 1.
V
I = 14 V, IO = 300 mA, ENABLE = 0 V for TL751M08, TJ = 25°C (unless otherwise noted)
TL750M08C
TL751M08C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
7.92
8
8.08
Output voltage
V
TJ = 0°C to 125°C
7.84
8.16
VI = 10 V to 17 V, IO = 250 mA
12
40
Input voltage regulation
mV
VI = 9 V to 26 V, IO = 250 mA
15
68
Ripple rejection
VI = 11 V to 21 V, f = 120 Hz
50
55
dB
Output regulation voltage
IO = 5 mA to 750 mA
24
80
mV
IO = 500 mA
0.5
Dropout voltage
V
IO = 750 mA
0.6
Output noise voltage
f = 10 Hz to 100 kHz
500
µV
IO = 750 mA
60
75
Bias current
mA
IO = 10 mA
5
Bias current (TL751Mxx only)
ENABLE
≥ 2 V
200
µA
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 10-µF tantalum capacitor
on the output, with equivalent series resistance within the guidelines shown in Figure 1.
4
Submit Documentation Feedback


Similar Part No. - TL750M08CKTPRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750M08CKTPRG3 TI-TL750M08CKTPRG3 Datasheet
690Kb / 20P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M08CKTPRG3 TI-TL750M08CKTPRG3 Datasheet
1Mb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TL750M08CKTPRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com