Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD12D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD12D
Description  3.3-V RS-485 TRANSCEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD12D Datasheet(HTML) 1 Page - Texas Instruments

  SN75HVD12D Datasheet HTML 1Page - Texas Instruments SN75HVD12D Datasheet HTML 2Page - Texas Instruments SN75HVD12D Datasheet HTML 3Page - Texas Instruments SN75HVD12D Datasheet HTML 4Page - Texas Instruments SN75HVD12D Datasheet HTML 5Page - Texas Instruments SN75HVD12D Datasheet HTML 6Page - Texas Instruments SN75HVD12D Datasheet HTML 7Page - Texas Instruments SN75HVD12D Datasheet HTML 8Page - Texas Instruments SN75HVD12D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
DORPPACKAGE
(TOPVIEW)
1
2
3
4
6
7
A
B
R
RE
DE
D
SN65HVD10, SN65HVD10Q, SN75HVD10
SN65HVD11, SN65HVD11Q, SN75HVD11
SN65HVD12, SN75HVD12
SLLS505I – FEBRUARY 2002 – REVISED JULY 2006
3.3-V RS-485 TRANSCEIVERS
Operates With a 3.3-V Supply
The
SN65HVD10,
SN75HVD10,
SN65HVD11,
SN75HVD11,
SN65HVD12,
and
SN75HVD12
Bus-Pin ESD Protection Exceeds 16 kV HBM
combine
a
3-state
differential
line
driver
and
1/8 Unit-Load Option Available (Up to 256
differential input line receiver that operate with a
Nodes on the Bus)
single 3.3-V power supply. They are designed for
Optional Driver Output Transition Times for
balanced transmission lines and meet or exceed
Signaling Rates (1) of 1 Mbps, 10 Mbps, and
ANSI standard TIA/EIA-485-A and ISO 8482:1993.
32 Mbps
These differential bus transceivers are monolithic
integrated circuits designed for bidirectional data
Meets or Exceeds the Requirements of ANSI
communication on multipoint bus-transmission lines.
TIA/EIA-485-A
The drivers and receivers have active-high and
Bus-Pin Short Circuit Protection From -7 V to
active-low
enables
respectively,
that
can
be
12 V
externally connected together to function as direction
control. Very low device standby supply current can
Low-Current Standby Mode . . . 1 µA Typical
be achieved by disabling the driver and the receiver.
Open-Circuit, Idle-Bus, and Shorted-Bus
Failsafe Receiver
The
driver
differential
outputs
and
receiver
differential inputs connect
internally
to
form
a
Thermal Shutdown Protection
differential input/ output (I/O) bus port that is
Glitch-Free Power-Up and Power-Down
designed to offer minimum loading to the bus
Protection for Hot-Plugging Applications
whenever the driver is disabled or VCC = 0. These
SN75176 Footprint
parts
feature
wide
positive
and
negative
common-mode voltage ranges, making them suitable
for party-line applications.
Digital Motor Control
Utility Meters
Chassis-to-Chassis Interconnects
Electronic Security Stations
Industrial Process Control
Building Automation
Point-of-Sale (POS) Terminals and Networks
(1)
The signaling rate of a line is the number of voltage
transitions that are made per second expressed in the units
bps (bits per second).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN75HVD12D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD12D TI-SN75HVD12D Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN75HVD12D TI-SN75HVD12D Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD12DG4 TI-SN75HVD12DG4 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD12DR TI-SN75HVD12DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD12DR TI-SN75HVD12DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD12D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com