Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2336UG4 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2336UG4
Description  SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2336UG4 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA2336UG4 Datasheet HTML 2Page - Burr-Brown (TI) OPA2336UG4 Datasheet HTML 3Page - Burr-Brown (TI) OPA2336UG4 Datasheet HTML 4Page - Burr-Brown (TI) OPA2336UG4 Datasheet HTML 5Page - Burr-Brown (TI) OPA2336UG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA2336UG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA2336UG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA2336UG4 Datasheet HTML 9Page - Burr-Brown (TI) OPA2336UG4 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
OPA336, 2336, 4336
6
SBOS068C
www.ti.com
LARGE-SIGNAL STEP RESPONSE
G = 1, C
L = 620pF, VS = +5V
200
µs/div
SMALL-SIGNAL STEP RESPONSE
G = 1, C
L = 200pF, VS = +5V
50
µs/div
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
–0
–1
–2
–3
–4
–5
–6
–7
–8
–2.5
–2.0
–1.5
–1.0
–0.5
0
Sinking
Current
+25
°C
–55
°C
+125
°C
V
S = ±2.5V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
0
1
2
3
4
567
8
5
4
3
2
1
0
Sourcing
Current
–55
°C
+25
°C
+125
°C
+125
°C
+25
°C
–55
°C
V
S = +2.3V
V
S = +5V
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
0123
45
4
3
2
1
0
V
S = +5V
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
1k
100
10
1
0.1
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, and RL = 25kΩ connected to VS/2, unless otherwise noted.


Similar Part No. - OPA2336UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2336UG4 TI1-OPA2336UG4 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results

Similar Description - OPA2336UG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com