Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W67-A1S1-20 Datasheet(PDF) 5 Page - Tyco Electronics

Part # W67-A1S1-20
Description  Magnetic Hydraulic Circuit Breakers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

W67-A1S1-20 Datasheet(HTML) 5 Page - Tyco Electronics

  W67-A1S1-20 Datasheet HTML 1Page - Tyco Electronics W67-A1S1-20 Datasheet HTML 2Page - Tyco Electronics W67-A1S1-20 Datasheet HTML 3Page - Tyco Electronics W67-A1S1-20 Datasheet HTML 4Page - Tyco Electronics W67-A1S1-20 Datasheet HTML 5Page - Tyco Electronics W67-A1S1-20 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Outline Dimensions - Snap-in Mounted Models
ON
OFF
ON
OFF
2.250
(57.15)
ON
OFF
.750
(19.05)
ON
OFF
1.110
(28.19)
2.650
(67.31)
ON
OFF
ON
OFF
1.500
(38.10)
O
N
29
°
30
°
OFF
.67
(17.02)
2.040
(51.82)
1.530
(38.86)
.235
(5.97)
1.640
(41.66)
.245
(6.22)
.128
(3.25)
Notes:
Mounting Detail Tol.: ± .005 (.13) unless noted
Panel Thickness: .047 (1.2) to .110 (2.8)
Panel Mounting Cutout
1 Pole
2 Pole
3 Pole
W6 Series
1 Pole
2 Pole
3 Pole
4 Pole
ON
OFF
ON
OFF
ON
OFF
ON
OFF
3.000
(76.20)
2.250
(57.15)
1.500
(38.10)
2 POLE
.375
(9.53)
.750
(19.05)
.750
(19.05)
.750
(19.05)
3
POLE
4
POLE
ON
OFF
.750
(19.05)
.375
(9.53)
2.000
(50.80)
.388
(9.86)
2.600
(66.04)
TAPPED FOR #6-32
M3 X 0.5 OPTIONAL
Outline Dimensions - Rocker Actuator Models
.750
(19.05)
.750
(19.05)
.750
(19.05)
.375
(9.53)
.205
(5.21)
1.250
(31.75)
1.660
(42.16)
Ø .156
(3.96)
TYP. 2
PER POLE
.750
(19.05)
1.500
(38.10)
2.250
(57.15)
3.000
(76.20)
1 POLE
2 POLE
3 POLE
4 POLE
Panel Mounting Cutout
1 Pole
2, 3 & 4 Pole
1.640
(41.66)
.805
(20.45)
.390
(9.91)
.180
(4.57)
1.660
(42.16)
1.30
(33.0)
2.430
(61.72)
.235
(5.97)
1.530
(38.86)
LINE
LOAD
A
D
W6 Series
VDE Rocker Marking
I
O
.750
(19.05)
.375
(9.53)
2.000
(50.80)
.388
(9.86)
2.600
(66.04)
TAPPED FOR #6-32
M3 X 0.5 OPTIONAL
Notes:
1. Outline drawing tolerance ± .015 (.38) unless
noted. Dimensions in brackets ( ) are in
millimeters.
2. Mounting Detail Tol.: ± .005 (.13) unless noted
3.040
(77.2)
2.280
(57.9)
1.525
(38.7)
.770
(19.6)
2.187
(55.55)
ON
OFF
ON
OFF
3.000
(76.20)
ON
OFF
ON
OFF


Similar Part No. - W67-A1S1-20

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W670 LUMINIS-W670 Datasheet
1Mb / 4P
   Cast aluminum top removable sealed cover.
logo
Allegro MicroSystems
W6753 ALLEGRO-W6753 Datasheet
196Kb / 8P
   Universal-Input/58 W Off-Line Quasi-Resonant Flyback Switching Regulator
More results

Similar Description - W67-A1S1-20

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-7 MACOM-2-1393254-7 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-4 MACOM-2-1393254-4 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-5 MACOM-2-1393254-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-3 MACOM-2-1393253-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-1 MACOM-2-1393253-1 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-2 MACOM-2-1393254-2 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-3 MACOM-2-1393254-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com