Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16802B Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16802B
Description  Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16802B Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16802B Datasheet HTML 4Page - Maxim Integrated Products MAX16802B Datasheet HTML 5Page - Maxim Integrated Products MAX16802B Datasheet HTML 6Page - Maxim Integrated Products MAX16802B Datasheet HTML 7Page - Maxim Integrated Products MAX16802B Datasheet HTML 8Page - Maxim Integrated Products MAX16802B Datasheet HTML 9Page - Maxim Integrated Products MAX16802B Datasheet HTML 10Page - Maxim Integrated Products MAX16802B Datasheet HTML 11Page - Maxim Integrated Products MAX16802B Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
in applications with higher input DC voltages by imple-
menting resistor-Zener bias (Figure 2a) or transistor-
Zener-resistor bias (Figure 2b).
MAX16801/MAX16802 Undervoltage
Lockout
The MAX16801/MAX16802 have an input voltage
UVLO/EN pin. The threshold of this UVLO is +1.28V.
Before any operation can commence, the voltage on
this pin has to exceed +1.28V. The UVLO circuit keeps
the CPWM comparator, ILIM comparator, oscillator,
and output driver in shutdown to reduce current con-
sumption (see the Functional Diagram). Use this UVLO
function to program the input start voltage. Calculate
the divider resistor values, R2 and R3 (Figure 5), by
using the following formulas:
The value of R3 is calculated to minimize the voltage-
drop error across R2 as a result of the input bias cur-
rent of the UVLO/EN pin. VULR2 = +1.28V, IUVLO =
50nA (max), VIN is the value of the input-supply voltage
where the power supply must start.
where IUVLO is the UVLO/EN pin input current, and
VULR2 is the UVLO/EN wake-up threshold.
MAX16801 Bootstrap Undervoltage
Lockout
In addition to the externally programmable UVLO func-
tion offered in both the MAX16801/MAX16802, the
MAX16801 has an additional internal bootstrap UVLO
that is very useful when designing high-voltage LED
drivers (see the Functional Diagram). This allows the
device to bootstrap itself during initial power-up. The
MAX16801 attempts to start when VIN exceeds the
bootstrap UVLO threshold of +23.6V. During startup,
the UVLO circuit keeps the CPWM comparator, ILIM
comparator, oscillator, and output driver shut down to
reduce current consumption. Once VIN reaches
+23.6V, the UVLO circuit turns on both the CPWM and
ILIM comparators, as well as the oscillator, and allows
the output driver to switch. If VIN drops below +9.7V,
the UVLO circuit will shut down the CPWM comparator,
ILIM comparator, oscillator, and output driver thereby
returning the MAX16801 to the startup mode.
MAX16801 Startup Operation
In isolated LED driver applications, VIN can be derived
from a tertiary winding of a transformer. However, at
startup there is no energy delivered through the trans-
former. Therefore, a special bootstrap sequence is
required. Figure 3 shows the voltages on IN and VCC
during startup. Initially, both VIN and VCC are 0V. After
the line voltage is applied, C1 charges through the
startup resistor R1 to an intermediate voltage. At this
point, the internal regulator begins charging C2 (see
Figure 5). The MAX16801 uses only 45µA of the current
supplied by R1, and the remaining input current
charges C1 and C2. The charging of C2 stops when
the VCC voltage reaches approximately +9.5V, while
the voltage across C1 continues rising until it reaches
R
VV
V
R
IN
ULR
ULR
23
2
2
R
VV
IV
V
ULR
IN
UVLO
IN
ULR
3
500
2
2
×
×
()
Off-Line and DC-DC PWM Controllers for
High-Brightness LED Drivers
8
_______________________________________________________________________________________
IN
VDC
R
D
(a)
MAX16802A
IN
VDC
Q
R
DC
(b)
MAX16802A
Figure 2. (a) Resistor-Zener and (b) Transistor-Zener-Resistor Bias Arrangements


Similar Part No. - MAX16802B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16802B MAXIM-MAX16802B Datasheet
209Kb / 16P
   Offline and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 2; 1/10
MAX16802BEUA++ MAXIM-MAX16802BEUA+ Datasheet
209Kb / 16P
   Offline and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 2; 1/10
MAX16802BEVKIT MAXIM-MAX16802BEVKIT Datasheet
144Kb / 5P
   MAX16802B Evaluation Kit
Rev 0; 5/06
More results

Similar Description - MAX16802B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A_10 Datasheet
209Kb / 16P
   Offline and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 2; 1/10
logo
Linear Technology
LT1246 LINER-LT1246_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1246 LINER-LT1246 Datasheet
290Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1247 LINER-LT1247_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
logo
Torex Semiconductor
XC9401 TOREX-XC9401_13 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401 TOREX-XC9401 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401-13 TOREX-XC9401-13 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401 TOREX-XC9401_15 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Diodes Incorporated
ZXRD1000 DIODES-ZXRD1000 Datasheet
292Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com