Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16801AEUA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16801AEUA
Description  Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16801AEUA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16801AEUA Datasheet HTML 1Page - Maxim Integrated Products MAX16801AEUA Datasheet HTML 2Page - Maxim Integrated Products MAX16801AEUA Datasheet HTML 3Page - Maxim Integrated Products MAX16801AEUA Datasheet HTML 4Page - Maxim Integrated Products MAX16801AEUA Datasheet HTML 5Page - Maxim Integrated Products MAX16801AEUA Datasheet HTML 6Page - Maxim Integrated Products MAX16801AEUA Datasheet HTML 7Page - Maxim Integrated Products MAX16801AEUA Datasheet HTML 8Page - Maxim Integrated Products MAX16801AEUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Off-Line and DC-DC PWM Controllers for
High-Brightness LED Drivers
_______________________________________________________________________________________
3
Note 1: All devices are 100% tested at TA = +85°C. All limits over temperature are guaranteed by characterization.
Note 2: VREF is measured with DIM/FB connected to the COMP pin (see the Functional Diagram).
Note 3: The MAX16801 is intended for use in universal input off-line drivers. The internal clamp circuit is used to prevent the boot-
strap capacitor (C1 in Figure 5) from charging to a voltage beyond the absolute maximum rating of the device when
EN/UVLO is low. The maximum current to IN (hence to clamp) when UVLO is low (device in shutdown), must be externally
limited to 2mA (max). Clamp currents higher than 2mA may result in clamp voltage higher than +30V, thus exceeding the
absolute maximum rating for IN. For the MAX16802, do not exceed the +24V maximum operating voltage of the device.
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +12V (MAX16801: VIN must first be brought up to +23.6V for startup), 10nF bypass capacitors at IN and VCC, CNDRV = 0,
VUVLO = +1.4V, VDIM/FB = +1.0V, COMP = unconnected, VCS = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT-SENSE COMPARATOR
Current-Sense Trip Threshold
VCS
262
291
320
mV
CS Input Bias Current
ICS
VCS = 0V
-2
+2
µA
Propagation Delay From
Comparator Input to NDRV
tPWM
50mV overdrive
60
ns
Switching Frequency
fSW
230
262
290
kHz
MAX1680_A
50
50.5
Maximum Duty Cycle
DMAX
MAX1680_B
75
76
%
IN CLAMP VOLTAGE
IN Clamp Voltage
VINC
2mA sink current, MAX16801 only (Note 3)
24.1
26.1
29.0
V
ERROR AMPLIFIER
Voltage Gain
RLOAD = 100k
80
dB
Unity Gain Bandwidth
RLOAD = 100k
Ω, CLOAD = 200pF
2
MHz
Phase Margin
RLOAD = 100k
Ω, CLOAD = 200pF
65
degrees
DIM/FB Input Offset Voltage
3mV
High
2.2
3.5
COMP Pin Clamp Voltage
Low
0.4
1.1
V
Source Current
0.5
mA
Sink Current
0.5
mA
Reference Voltage
VREF
(Note 2)
1.218
1.230
1.242
V
Input Bias Current
50
nA
COMP Short-Circuit Current
8mA
THERMAL SHUTDOWN
Thermal-Shutdown Temperature
130
°C
Thermal Hysteresis
25
°C
DIGITAL SOFT-START
Soft-Start Duration
15,872
clock
cycles
Reference Voltage Steps During
Soft-Start
31
steps
Reference Voltage Step
40
mV


Similar Part No. - MAX16801AEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16801AEUA++ MAXIM-MAX16801AEUA+ Datasheet
209Kb / 16P
   Offline and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 2; 1/10
More results

Similar Description - MAX16801AEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A_10 Datasheet
209Kb / 16P
   Offline and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 2; 1/10
logo
Linear Technology
LT1246 LINER-LT1246_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1246 LINER-LT1246 Datasheet
290Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1247 LINER-LT1247_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
logo
Torex Semiconductor
XC9401 TOREX-XC9401_13 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401 TOREX-XC9401 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401-13 TOREX-XC9401-13 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401 TOREX-XC9401_15 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Diodes Incorporated
ZXRD1000 DIODES-ZXRD1000 Datasheet
292Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com