Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCSA1V334 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # TMCSA1V334
Description  Standard Tantalum Chip Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

TMCSA1V334 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  TMCSA1V334 Datasheet HTML 1Page - Hitachi Semiconductor TMCSA1V334 Datasheet HTML 2Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TANTALUM ELECTROLYTIC CAPACITORS
19
Hitachi AIC Inc.
TMCS
Test conditions JIS C5101-3-1998
Operating temperature range
–55°C ~ +125°C
Rated voltage
DC4 ~ 35V
85°C
Surge voltage
DC5 ~ 45V
85°C
Derated voltage
DC2.5 ~ 22V
125°C
Capacitance
0.1 ~ 68µF
Capacitance tolerance
±10% or 20%
Paragraph 7.8, 120 Hz
Leakage current
Paragraph 7.7, in 5 minutes after the rated voltage is applied.
tan
δ
Paragraph 7.9, 120Hz
Paragraph 7.14
Thermal shock
Failure rate
1%/1000hrs
Specifiedinitialvalue
–55
85
125
C/C
-10 ~ 0%
0 ~ +10% 0 ~ +12%
tan
δ
0.04
0.04
0.05
0.05
Valueshowntable
0.06
0.06
0.07
0.07
or less
LC
0.01CV
0.1CV
0.125CV
or
or
or
0.5µA or less
5µA or less
6.25µA or less
(Standard Tantalum Chip Capacitors)
Features
• The product is a standard type that has been most widely used among
tantalum chip capacitors. The product has high solder heat resistance
and is suitable for automatic mounting.
• The product is provided with both excellent frequency characteristic and
excellent impedance characteristics.
Product symbol : (Example) TMCS Series A case 16V 1
µF ±20%
Terminal code
Packing polarity code
Packing method code (T:carrier tape)
Capacitance tolerance code
Capacitance code
Rated voltage code
Case size code
TMCS A 1C 105 M T R F
Type of series
Outline of drawings and dimensions
Anode indication belt mark
E case
A, B, C case
L
Case code
Case size
L±0.2
W±0.2
H±0.2
r±0.3
a±0.2
A
3.2
1.6
1.6
0.7
1.2
B
3.5
2.8
1.9
0.8
2.2
C
5.8
3.2
2.5
1.3
2.2
E
7.3
4.3±0.3
2.8
1.3
2.4
Dimensions
(Unit: mm)
0.1 ~ 1.0
0.04 or less
1.5 ~ 68
0.06 or less
C/C ±5% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
0.01 CV or 0.5µA,
whichever is larger or less
C/C ±5% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
C/C ±5% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
C/C ±10% or less
tan
δ
Specified initial value or less
LC
125% Specified initial value or less
C/C ±5% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
C/C ±10% or less
tan
δ
150% Specified initial value or less
LC
125% Specified initial value or less
Product
specifications
Paragraph 7.12
Solder Dip
260±5°C
A,B case
C,E case
10±1 sec.
5±0.5 sec.
Reflow–260°C 10±1 sec.
Paragraph 9.5, 40°C
90 ~ 95%RH,500hrs
Leave at -55°C, normal
temperature, 125°C, and normal
temperature for 30 min., 3 min.,
30 min., and 3 min. Repeat this
operation 20 times running.
40°C, humidity 90 to 95%RH
The rated voltage is applied
for 500 hours.
Paragraph 9.10, 85°C
The rated voltage is applied
for 2000 hours.
85°C. The rated voltage is applied
(through a protective resistor of 1
Ω/V).
TMCS Series
Rated voltage (V.DC)
Capitance
µF
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
Code
104
154
224
334
474
684
105
155
225
335
475
685
106
156
226
336
476
686
4
0G
A
B
C
E
7
0J
A
B
C
E
10
1A
A
B
C
E
16
1C
A
B
C
E
20
1D
A
B
C
E
25
1E
A
B
C
E
35
1V
A
A
A
A
B
B
B
C
C
C
E
E
Standard value and case size
Surge withstanding
voltage
Temperature
characteristics
Solder heat
resistance
Moisture resistance
no load
High-temperature
load
Moisture resistance
load


Similar Part No. - TMCSA1V334

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCSA1V334TRF VISHAY-TMCSA1V334TRF Datasheet
246Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Revision: 26-Oct-17
More results

Similar Description - TMCSA1V334

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C226K016ZT KEMET-T491C226K016ZT Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
T491B106M020ZT KEMET-T491B106M020ZT Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com