Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG824BCPZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG824BCPZ-REEL7
Description  0.5CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG824BCPZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG824BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 13Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG824
Rev. 0 | Page 10 of 16
0.1
1
10
100
1000
FREQUENCY (MHz)
–80
–70
–60
–50
–40
–30
–20
–10
0
TA = 25°C
VDD = 3.3V, 2.5V, 1.8V
Figure 15. Off Isolation vs. Frequency
0
–80
–70
–60
–50
–40
–30
–20
–10
–90
–100
0.1
1
10
100
1000
FREQUENCY (MHz)
TA = 25°C
VDD = 3.3V, 2.5V, 1.8V
S1A TO S1B
S1A TO S2A
Figure 16. Crosstalk vs. Frequency
100
1k
10k
100k
FREQUENCY (Hz)
0
0.05
0.10
0.15
0.20
0.30
0.25
VS = 1.2V p-p
VS = 1.5V p-p
VS = 2V p-p
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
Figure 17. Total Harmonic Distortion + Noise vs. Frequency
20
0
–100
–80
–60
–40
–20
100
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
TA= 25°C
VDD = 3.3V
Figure 18. PSRR vs. Frequency


Similar Part No. - ADG824BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG820 AD-ADG820 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRM AD-ADG820BRM Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRM AD-ADG820BRM Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRT AD-ADG820BRT Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRT AD-ADG820BRT Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
More results

Similar Description - ADG824BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
   Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836 AD-ADG836 Datasheet
652Kb / 12P
   0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. 0
ADG852 AD-ADG852 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
   0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG839 AD-ADG839 Datasheet
436Kb / 16P
   0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
REV. 0
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com