Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20019I Datasheet(PDF) 9 Page - SMSC Corporation

Part # COM20019I
Description  Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019I Datasheet(HTML) 9 Page - SMSC Corporation

Back Button COM20019I Datasheet HTML 5Page - SMSC Corporation COM20019I Datasheet HTML 6Page - SMSC Corporation COM20019I Datasheet HTML 7Page - SMSC Corporation COM20019I Datasheet HTML 8Page - SMSC Corporation COM20019I Datasheet HTML 9Page - SMSC Corporation COM20019I Datasheet HTML 10Page - SMSC Corporation COM20019I Datasheet HTML 11Page - SMSC Corporation COM20019I Datasheet HTML 12Page - SMSC Corporation COM20019I Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
SMSC COM20019I
Page 9
Rev. 09-25-07
DATASHEET
PLCC PIN
NO.
NAME
SYMBOL
DESCRIPTION
TRANSMISSION MEDIA INTERFACE
19,18
nPulse 2,
nPulse 1
nPULSE2,
nPULSE1
Output (nPULSE1), Input/Output (nPULSE2).
In Normal Mode, these active low signals carry
the transmit data information, encoded in pulse
format, as DIPULSE waveform. When the
device is in Backplane Mode, the nPULSE1
signal driver is programmable (push/pull or
open-drain), while the nPULSE2 signal
provides a clock with frequency of double the
data rate. nPULSE1 is connected to a weak
internal pull-up resistor on the open/drain
driver in backplane mode. The COM20019I
does not support the Normal Mode. Use only
in the Backplane Mode.
20
Receive In
RXIN
Input. This signal carries the receive data
information from the line transceiver.
21
nTransmit
nEnable
nTXEN
Output. This signal is used prior to the Power-
up to enable the line drivers for transmission.
The polarity of the signal is programmable
through the nPULSE2 pin.
nPULSE2 floating before Power-up: nTXEN
active low (Default option)
nPULSE2 grounded before Power-up: nTXEN
active high (This option is only available in
Backplane Mode)
16,17
Crystal
Oscillator
XTAL1,
XTAL2
An external crystal should be connected to
these pins. Oscillation frequency range is from
10 to 20 MHz. If an external TTL clock is used
instead, it must be connected to XTAL1 with a
390
pull-up resistor, and XTAL2 should be
left floating.
15,28
Power
Supply
VDD
+5 Volt Power Supply pin.
7,14,22
Ground
VSS
Ground pin.


Similar Part No. - COM20019I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
   Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019I SMSC-COM20019I Datasheet
392Kb / 65P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I Datasheet
490Kb / 70P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I-DZD SMSC-COM20019I-DZD Datasheet
392Kb / 65P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I-HD SMSC-COM20019I-HD Datasheet
505Kb / 65P
   Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
More results

Similar Description - COM20019I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20019I_0610 SMSC-COM20019I_0610 Datasheet
490Kb / 70P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
logo
SMSC Corporation
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
   Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019 SMSC-COM20019 Datasheet
454Kb / 81P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I_06 Datasheet
392Kb / 65P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20022I-3.3V SMSC-COM20022I-3.3V Datasheet
474Kb / 73P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM200221 SMSC-COM200221 Datasheet
514Kb / 82P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com