Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMD-C110 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSMD-C110
Description  Surface Mount Chip LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMD-C110 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSMD-C110 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMD-C110 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMD-C110 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMD-C110 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMD-C110 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMD-C110 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMD-C110 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMD-C110 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Optical Characteristics at TA=25°C
Luminous
Peak
Dominant
Intensity[1]
Wavelength
Wavelength
Viewing
Part Number
Color
Iv(mcd)@20mA
peak(nm)
d(nm)
Angle 2 1/2(°)[2]
Min.
Typ.
Typ.
Typ.
Typ.
HSMS-C150/170/190
HER
2.50
10.0
630
626
170
HSMD-C150/170/190 Orange
2.50
8.0
605
604
170
HSMY-C150/170/190 Yellow
2.50
8.0
589
586
170
HSMG-C150/170/190 Green
4.00
15.0
570
572
170
HSMH-C150/170/190 AlGaAs
6.30
17.0
660
639
170
HSMS-C110
HER
2.50
11.0
630
626
130
HSMD-C110
Orange
2.50
9.0
605
604
130
HSMY-C110
Yellow
2.50
9.0
589
586
130
HSMG-C110
Green
4.00
16.0
570
572
130
HSMH-C110
AlGaAs
6.30
19.0
660
639
130
Notes:
1. The luminous intensity, Iv, is measured at the peak of the spatial radiation pattern, which may not be aligned with the mechanical
axis of the lamp package.
2. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
Color Bin Limits[1]
Orange Color Bins[1]
Dom. Wavelength (nm)
Bin ID
Min.
Max.
A
597.0
600.0
B
600.0
603.0
C
603.0
606.0
D
606.0
609.0
E
609.0
612.0
F
612.0
615.0
Yellow/Amber Color Bins[1]
Dom. Wavelength (nm)
Bin ID
Min.
Max.
A
582.0
584.5
B
584.5
587.0
C
587.0
589.5
D
589.5
592.0
E
592.0
594.5
F
594.5
597.0
Green Color Bins[1]
Dom. Wavelength (nm)
Bin ID
Min.
Max.
A
561.5
564.5
B
564.5
567.5
C
567.5
570.5
D
570.5
573.5
E
573.5
576.5
Tolerance:
± 0.5 nm
Tolerance:
± 1 nm
Tolerance:
± 0.5 nm


Similar Part No. - HSMD-C110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-C110 HP-HSMD-C110 Datasheet
310Kb / 13P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMD-C110 AVAGO-HSMD-C110 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results

Similar Description - HSMD-C110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C110 AVAGO-HSMG-C110 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com