Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT7806-40DLR Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74ACT7806-40DLR
Description  256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7806-40DLR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ACT7806-40DLR Datasheet HTML 4Page - Texas Instruments SN74ACT7806-40DLR Datasheet HTML 5Page - Texas Instruments SN74ACT7806-40DLR Datasheet HTML 6Page - Texas Instruments SN74ACT7806-40DLR Datasheet HTML 7Page - Texas Instruments SN74ACT7806-40DLR Datasheet HTML 8Page - Texas Instruments SN74ACT7806-40DLR Datasheet HTML 9Page - Texas Instruments SN74ACT7806-40DLR Datasheet HTML 10Page - Texas Instruments SN74ACT7806-40DLR Datasheet HTML 11Page - Texas Instruments SN74ACT7806-40DLR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SN74ACT7806
256
× 18
STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS438C – APRIL 1992 – REVISED APRIL 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
PROPAGATION DELAY TIME
vs
LOAD CAPACITANCE
50
100
200
250
150
300
CL – Load Capacitance – pF
VCC = 5 V
TA = 25°C
RL = 500 Ω
0
typ + 8
typ + 6
typ + 4
typ + 2
typ
typ – 2
Figure 5
60
20
160
0
010
20
30
40
120
80
140
SUPPLY CURRENT
vs
CLOCK FREQUENCY
200
50
60
70
180
100
40
VCC = 5 V
VCC = 4.5 V
fclock – Clock Frequency – MHz
VCC = 5.5 V
TA = 75°C
CL = 0 pF
APPLICATION INFORMATION
Q0–Q17
D18–D35
D0–D17
Q18–Q35
Q0–Q17
LDCK
UNCK
LDCK
FULL
EMPTY
FULL
EMPTY
SN74ACT7806
FULL
EMPTY
LDCK
UNCK
SN74ACT7806
UNCK
D0–D17
D0–D17
Q0–Q17
OE
OE
OE
Figure 6. Word-Width Expansion: 256
× 36 Bits


Similar Part No. - SN74ACT7806-40DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7806 TI-SN74ACT7806 Datasheet
137Kb / 10P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806DL TI-SN74ACT7806DL Datasheet
137Kb / 10P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ACT7806-40DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7806 TI-SN74ACT7806 Datasheet
137Kb / 10P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
[Old version datasheet]   64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804_06 Datasheet
183Kb / 13P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802 TI-SN74ACT7802 Datasheet
156Kb / 12P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802 TI-SN74ACT7802_06 Datasheet
224Kb / 15P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7805 TI-SN74ACT7805 Datasheet
193Kb / 14P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7805 TI-SN74ACT7805_06 Datasheet
230Kb / 16P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ABT7820 TI-SN54ABT7820 Datasheet
199Kb / 14P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com