Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR2450 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # CR2450
Description  Poly-carbonmonofluoride (BR Series) and Manganese Dioxide (CR Series)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CR2450 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  CR2450 Datasheet HTML 1Page - Panasonic Semiconductor CR2450 Datasheet HTML 2Page - Panasonic Semiconductor CR2450 Datasheet HTML 3Page - Panasonic Semiconductor CR2450 Datasheet HTML 4Page - Panasonic Semiconductor CR2450 Datasheet HTML 5Page - Panasonic Semiconductor CR2450 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AUGUST 2003
LITHIUM HANDBOOK
This information is generally descriptive only and is not intended to make or imply any representation, guarantee or warranty with respect to any cells and batteries. Cell and battery designs/specifications
are subject to modification without notice. Contact Panasonic for the latest information.
DIMENSIONS / MM (INCH) cont.
Model No.
Dimensions/mm (inch)
CR2354/1GUF
1GU
Model No.
Dimensions/mm (inch)
CR2477/1VC
1VB
CR2354/1VC
1VB
CR2477/1HF
1HE
35
+
-
0.75(0.03)
0.2
(0.008)
5.4(0.21)
17.8±0.5
(0.70±0.20)
0.75(0.03)
36
Insulation Wrap (yellow)
+
-
23(0.9)
5.4(0.21)
2.8(0.11)
1.8(0.07)
0.2(0.008)
6.1(0.24)
9.2±0.5(0.36±0.02)
37
Insulation Wrap (yellow)
9.2±0.5(0.36±0.02)
+
-
24.5(0.96)
7.8(0.31)
2.8(0.11)
4.0(0.16)
1.8(0.07)
0.2(0.008)
8.4(0.33)
38
Insulation Wrap (yellow)
+
-
1.8(0.07)
2.8(0.11)
0.2
(0.008)
20.5±1
(0.81±0.04)
BR & CR Series Coin Cell Tab Configurations
CR2450/H1A
CR2450/G1A
39
Insulation Wrap (yellow)
+
-
1.8(0.07)
2.8(0.11)
0.2±0.05
(0.008±0.02)
20.5±1
(0.81±0.04)
25±1
(1.0±0.04)
40
+
-
0.75(0.03)
0.2
(0.008)
17.8±0.8
(0.70±0.21)
0.75
(0.03)
25±1
(1.0±0.04)
10.2
(0.405)
CR2032/1VS1
CR2354/1HF
1HE
33
1.8(0.07)
10.2±0.5(0.40±0.02)
Insulation Wrap (yellow)
0.75(0.03)
+
-
0.2(0.008)
3.9(0.15)
20(0.79)
3.2(0.13)
34
Insulation Wrap (yellow)
+
-
2.8(0.11)
1.8(0.07)
5.4(0.21)
0.2
(0.008)
20.5±0.5
(0.81±0.02)


Similar Part No. - CR2450

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR2450 ETC-CR2450 Datasheet
57Kb / 1P
   Lithium / Manganese Dioxide (Li/MnO2 )
logo
Energizer
CR2450 ENERGIZER-CR2450 Datasheet
61Kb / 1P
   3.0 Volts 6.9 grams (0.24 oz.) 2.4 cubic centimeters (0.14 cubic inch)
logo
Dubilier
CR2450 DUBILIER-CR2450 Datasheet
67Kb / 1P
   LITHIUM COIN CELL
CR2450 DUBILIER-CR2450 Datasheet
67Kb / 1P
   LITHIUM COIN CELL
logo
Panasonic Battery Group
CR2450 PANASONICBATTERY-CR2450 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
More results

Similar Description - CR2450

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR2016 ETC-CR2016 Datasheet
269Kb / 1P
   Manganese Dioxide
CR2NP ETC2-CR2NP Datasheet
91Kb / 1P
   Lithium Manganese Dioxide
logo
Panasonic Battery Group
CR-2 PANASONICBATTERY-CR-2 Datasheet
203Kb / 1P
   LITHIUM MANGANESE DIOXIDE
logo
Samsung semiconductor
TCSCS1E226MDAR SAMSUNG-TCSCS1E226MDAR Datasheet
301Kb / 8P
   Manganese Dioxide Type
TCSCS1A476KBAR SAMSUNG-TCSCS1A476KBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
logo
List of Unclassifed Man...
KECR2032-1 ETC2-KECR2032-1 Datasheet
39Kb / 1P
   Lithium Manganese Dioxide
logo
Panasonic Battery Group
CR-AG PANASONICBATTERY-CR-AG Datasheet
210Kb / 1P
   LITHIUM MANGANESE DIOXIDE
logo
Samsung semiconductor
TCSCS1C106KBAR SAMSUNG-TCSCS1C106KBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
TCSCS1A475KAAR SAMSUNG-TCSCS1A475KAAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
logo
List of Unclassifed Man...
CRAA ETC2-CRAA Datasheet
94Kb / 1P
   Lithium Manganese Dioxide
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com