Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128ZX Datasheet(PDF) 69 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 69 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 65Page - STMicroelectronics RIVA128ZX Datasheet HTML 66Page - STMicroelectronics RIVA128ZX Datasheet HTML 67Page - STMicroelectronics RIVA128ZX Datasheet HTML 68Page - STMicroelectronics RIVA128ZX Datasheet HTML 69Page - STMicroelectronics RIVA128ZX Datasheet HTML 70Page - STMicroelectronics RIVA128ZX Datasheet HTML 71Page - STMicroelectronics RIVA128ZX Datasheet HTML 72Page - STMicroelectronics RIVA128ZX Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
69/85
APPENDIX
Descriptions of register contents include an indication if register fields are readable (R) or writable (W) and
the initial power-on or reset value of the field (I). ‘-’ indicates not readable / writable, X indicates an inde-
terminate value, hence I=X indicates register or field not reset.
A
PCI CONFIGURATION REGISTERS
This section describes the 256 byte PCI configuration spaces as implemented by the RIVA128ZX. A single
PCI VGA device is defined by the RIVA128ZX which decodes and acknowledges the first 256 bytes of the
configuration address space. The RIVA128ZX does not respond (does not assert DEVSEL#) for functions
1-7.
A.1
REGISTER DESCRIPTIONS FOR PCI CONFIGURATION SPACE
Byte offsets 0x03 - 0x00
Device Identification Register (0x03 - 0x02)
Vendor Identification Register (0x01 - 0x00)
0x03
0x02
0x01
0x00
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
76543
210
Bits
Function
RW I
31:16
The DEVICE_ID_CHIP bits contain the chip number allocated by the manu-
facturer to identify the particular device.
= 0x0018 if the power-on reset configuration APCI Supported bit = 0
= 0x0019 if the power-on reset configuration APCI Supported bit = 1
R- X
Bits
Function
RW I
15:0
VENDOR_ID bits allocated by the PCI Special Interest Group to uniquely
identify the manufacturer of the device.
NVIDIA/STMicroelectronics Vendor ID = 0x12D2 (4818)
R- X


Similar Part No. - RIVA128ZX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RIVA128 STMICROELECTRONICS-RIVA128 Datasheet
1Mb / 77P
   RIVA 128??128-BIT 3D MULTIMEDIA ACCELERATOR
October 1997
More results

Similar Description - RIVA128ZX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RIVA128 STMICROELECTRONICS-RIVA128 Datasheet
1Mb / 77P
   RIVA 128??128-BIT 3D MULTIMEDIA ACCELERATOR
October 1997
STM32L162QC STMICROELECTRONICS-STM32L162QC Datasheet
1Mb / 128P
   AES-128 bit encryption hardware accelerator
March 2016 Rev 4
STM32L162VD STMICROELECTRONICS-STM32L162VD Datasheet
1Mb / 115P
   AES 128-bit encryption hardware accelerator
logo
Cirrus Logic
CL-GD5446 CIRRUS-CL-GD5446 Datasheet
2Mb / 37P
   64-bit VisualMedia Accelerator
logo
STMicroelectronics
STDP9310 STMICROELECTRONICS-STDP9310 Datasheet
204Kb / 10P
   Athena ??Premium high resolution multimedia monitor controller with 3D video
September 2012 Rev 3
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
   16-Bit Multimedia Audio Codec
logo
Communications & Power ...
VWP1133 CPI-VWP1133 Datasheet
124Kb / 1P
   Accelerator
logo
Holtek Semiconductor In...
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
259Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L_11 Datasheet
260Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L_09 Datasheet
240Kb / 38P
   Multimedia Keyboard Encoder 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com