Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24AC128KE-1.8TE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT24AC128KE-1.8TE13
Description  128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24AC128KE-1.8TE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT24AC128KE-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24AC128KE-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24AC128KE-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24AC128KE-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24AC128KE-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24AC128KE-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24AC128KE-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24AC128KE-1.8TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT24AC128KE-1.8TE13 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CAT24AC128
7
Doc. No. 1028, Rev. J
device to select at random any memory location for a
READ operation. The Master device first performs a
‘dummy’ write operation by sending the START condition,
slave address and byte addresses of the location it
wishes to read. After CAT24AC128 acknowledges, the
Master device sends the START condition and the slave
address again, this time with the R/
W bit set to one. The
CAT24AC128 then responds with its acknowledge and
sends the 8-bit byte requested. The master device does
not send an acknowledge but will generate a STOP
condition.
Sequential Read
The Sequential READ operation can be initiated by
either the Immediate Address READ or Selective READ
operations. After the CAT24AC128 sends the initial 8-bit
byte requested, the Master will respond with an
acknowledge which tells the device it requires more
Figure 8. Current Address Read Timing
data. The CAT24AC128 will continue to output an 8-bit
byte for each acknowledge sent by the Master. The
operation will terminate when the Master fails to respond
with an acknowledge, thus sending the STOP condition.
The data being transmitted from CAT24AC128 is
outputted sequentially with data from address N followed
by data from address N+1. The READ operation address
counter increments all of the CAT24AC128 address bits
so that the entire memory array can be read during one
operation. If more than E (where E=16383) bytes are
read out, the counter will ‘wrap around’ and continue to
clock out data bytes.
Figure 9. Random Address Read Timing
*=Don't Care Bit
24AC128 F08
SCL
SDA
8TH BIT
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
N
O
A
C
K
DATA
S
T
O
P
P
A15–A8
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7–A0
BYTE ADDRESS
SLAVE
ADDRESS
S
A
C
K
N
O
A
C
K
S
T
A
R
T
DATA
P
S
T
O
P
*
*
Not Recommended for New Design,
Replace with CAT24C128


Similar Part No. - CAT24AC128KE-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24AC128KE-1.8TE13 CATALYST-CAT24AC128KE-1.8TE13 Datasheet
474Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
More results

Similar Description - CAT24AC128KE-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24AC128 CATALYST-CAT24AC128 Datasheet
474Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
logo
STMicroelectronics
M24256-BW STMICROELECTRONICS-M24256-BW Datasheet
454Kb / 25P
   256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
   I2C CMOS Serial EEPROM
logo
Sanyo Semicon Device
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
   256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com