Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

157PUM-SI Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 157PUM-SI
Description  Aluminum electrolytic capacitors Power Ultra Miniature Snap-in
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

157PUM-SI Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 157PUM-SI Datasheet HTML 4Page - List of Unclassifed Manufacturers 157PUM-SI Datasheet HTML 5Page - List of Unclassifed Manufacturers 157PUM-SI Datasheet HTML 6Page - List of Unclassifed Manufacturers 157PUM-SI Datasheet HTML 7Page - List of Unclassifed Manufacturers 157PUM-SI Datasheet HTML 8Page - List of Unclassifed Manufacturers 157PUM-SI Datasheet HTML 9Page - List of Unclassifed Manufacturers 157PUM-SI Datasheet HTML 10Page - List of Unclassifed Manufacturers 157PUM-SI Datasheet HTML 11Page - List of Unclassifed Manufacturers 157PUM-SI Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2000 Nov 06
8
BCcomponents
Product specification
Aluminum electrolytic capacitors
Power Ultra Miniature Snap-in
157 PUM-SI
400
68
22
× 25
0.71
0.27
1400
2800
1170
1950
56689
76689
82
22
× 25
0.77
0.33
1250
2500
970
1620
56829
76829
100
22
× 30
0.94
0.40
1125
2250
750
1220
56101
76101
120
22
× 30
0.97
0.48
990
1980
700
1140
56121
76121
150
22
× 35
1.13
0.60
750
1500
540
900
36151
16151
150
25
× 30
1.16
0.60
750
1500
540
900
56151
76151
180
22
× 40
1.29
0.72
630
1260
435
725
46181
26181
180
25
× 35
1.35
0.72
630
1260
435
725
36181
16181
220
25
× 40
1.54
0.88
520
1040
355
590
46221
26221
220
30
× 30
1.50
0.88
520
1040
355
590
56221
76221
220
35
× 25
1.42
0.88
520
1040
355
590
66221
86221
270
25
× 45
1.72
1.08
430
860
335
560
66271
86271
270
30
× 35
1.74
1.08
430
860
335
560
36271
16271
270
35
× 30
1.71
1.08
430
860
335
560
56271
76271
330
30
× 40
1.97
1.32
350
700
315
525
56331
76331
330
35
× 30
1.76
1.32
350
700
315
525
66331
86331
390
30
× 45
2.19
1.56
300
610
250
420
56391
76391
390
35
× 35
2.04
1.56
300
610
250
420
36391
16391
470
30
× 50
2.40
1.88
250
505
210
350
46471
26471
470
35
× 40
2.30
1.88
250
505
210
350
56471
76471
560
35
× 45
2.55
2.24
210
425
180
305
46561
26561
680
35
× 50
2.79
2.72
190
380
160
265
56681
76681
820
35
× 60
3.33
3.28
155
315
115
215
56821
76821
UR
(V)
CR
100 Hz
(
µF)
NOMINAL
CASE SIZE
∅D × L
(mm)
IR
120 Hz
85
°C
(A)
IL5
5min
(mA)
TYP. ESR
100 Hz(1)
(m
Ω)
MAX. ESR
100 Hz(1)
(m
Ω)
TYP. Z
10 kHz
(m
Ω)
MAX. Z
10 kHz
(m
Ω)
CATALOGUE
NUMBER
2222 157 .....
2-TERM.
3-TERM.


Similar Part No. - 157PUM-SI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI Datasheet
128Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 17-Oct-16
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
157PUM-SI VISHAY-157PUM-SI_16 Datasheet
128Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 17-Oct-16
More results

Similar Description - 157PUM-SI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
157PUM-SI VISHAY-157PUM-SI_16 Datasheet
128Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 17-Oct-16
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_V01 Datasheet
113Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
01-Jan-2023
MAL215752271E3 VISHAY-MAL215752271E3_12 Datasheet
119Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_17 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 02-Nov-16
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com