Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3106E16DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3106E16DBVR
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3106E16DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3106E16DBVR Datasheet HTML 6Page - Texas Instruments TPS3106E16DBVR Datasheet HTML 7Page - Texas Instruments TPS3106E16DBVR Datasheet HTML 8Page - Texas Instruments TPS3106E16DBVR Datasheet HTML 9Page - Texas Instruments TPS3106E16DBVR Datasheet HTML 10Page - Texas Instruments TPS3106E16DBVR Datasheet HTML 11Page - Texas Instruments TPS3106E16DBVR Datasheet HTML 12Page - Texas Instruments TPS3106E16DBVR Datasheet HTML 13Page - Texas Instruments TPS3106E16DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
Timing Diagram for TPS3110
V
DD
V
IT
0.4V
t
t
OutputCondition
Undefined
OutputCondition
Undefined
t
t
D
V
IT
(S)
-
=0.551V
SENSE
RESET
WDI
MR
t
D
t
D
t
D
t
D
t
D
t
(TOUT)
x=Don’tCare
TYPICAL CHARACTERISTICS
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1.0
1.5
2.0
2.5
3.0
T
C
°
=85
A
T
C
°
=25
A
T
C
°
=0
A
T = 40 C
-
°
A
V
SupplyVoltage
-
V
-
DD
SENSE=V
DD
MR =Open
RESET =Open
WDI:Triggered
0
0.05
0.10
0.15
0.20
0.25
0.30
0
0.2
0.4
0.6
0.8
1.0 1.2
1.4
1.6
1.8
2.0
T =25 C
°
A
T =0 C
°
A
T
40 C
-
°
A =
T =85 C
A
°
I
Low-LevelOutputCurrent
OL -
- mA
V
=0.9V
DD
SENSE=GND
MR =GND
WDI=GND
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363E – AUGUST 2001 – REVISED SEPTEMBER 2007
TPS3110E09
TPS3110E09
SUPPLY CURRENT
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
SUPPLY VOLTAGE
LOW-LEVEL OUTPUT CURRENT
Figure 1.
Figure 2.
10
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated


Similar Part No. - TPS3106E16DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3106E16DBVR TI-TPS3106E16DBVR Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3106E16DBVR TI-TPS3106E16DBVR Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106E16DBVR TI1-TPS3106E16DBVR Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106E16DBVR TI1-TPS3106E16DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3106E16DBVRG4 TI-TPS3106E16DBVRG4 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
More results

Similar Description - TPS3106E16DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com