Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLC-6MBD Datasheet(PDF) 2 Page - Kingbright Corporation

Part # DLC-6MBD
Description  20mm BIG LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DLC-6MBD Datasheet(HTML) 2 Page - Kingbright Corporation

  DLC-6MBD Datasheet HTML 1Page - Kingbright Corporation DLC-6MBD Datasheet HTML 2Page - Kingbright Corporation DLC-6MBD Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: DSAA8727
REV NO: V.3
DATE: AUG/22/2007
PAGE: 2 OF 3
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: W.J.Hua
ERP: 1338000042
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
DLC/6MBD
Blue (GaN)
BLUE DIFFUSED
7
23.4
120
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Blue
430
nm
IF=20mA
λD [1]
Dominant Wavelength
Blue
466
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Blue
60
nm
IF=20mA
C
Capacitance
Blue
100
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Blue
3.8
4.5
V
IF=20mA
IR
Reverse Current
Blue
10
uA
VR = 5V
Parameter
Blue
Units
Power dissipation
135
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3-5 Seconds


Similar Part No. - DLC-6MBD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DLC-6GD KINGBRIGHT-DLC-6GD Datasheet
177Kb / 4P
   20mm BIG LAMP
DLC-6ID KINGBRIGHT-DLC-6ID Datasheet
178Kb / 4P
   20mm BIG LAMP
DLC-6SGD KINGBRIGHT-DLC-6SGD Datasheet
175Kb / 4P
   20mm BIG LAMP
DLC-6SRD KINGBRIGHT-DLC-6SRD Datasheet
175Kb / 4P
   20mm BIG LAMP
DLC-6YD KINGBRIGHT-DLC-6YD Datasheet
177Kb / 4P
   20mm BIG LAMP
More results

Similar Description - DLC-6MBD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DLA-6SRD KINGBRIGHT-DLA-6SRD Datasheet
175Kb / 4P
   20mm BIG LAMP
DLC-6ID KINGBRIGHT-DLC-6ID Datasheet
178Kb / 4P
   20mm BIG LAMP
DLC-6SRD KINGBRIGHT-DLC-6SRD Datasheet
175Kb / 4P
   20mm BIG LAMP
logo
SunLED Corporation
FUY20D6C SUNLED-FUY20D6C Datasheet
190Kb / 4P
   20mm BIG LAMP
FMG20D6A SUNLED-FMG20D6A Datasheet
193Kb / 4P
   20mm BIG LAMP
FMR20D6A SUNLED-FMR20D6A Datasheet
188Kb / 4P
   20mm BIG LAMP
FMR20D6C SUNLED-FMR20D6C Datasheet
188Kb / 4P
   20mm BIG LAMP
logo
Kingbright Corporation
DLA-6ID KINGBRIGHT-DLA-6ID Datasheet
178Kb / 4P
   20mm BIG LAMP
DLA-6YD KINGBRIGHT-DLA-6YD Datasheet
177Kb / 4P
   20mm BIG LAMP
DLC-6SGD KINGBRIGHT-DLC-6SGD Datasheet
175Kb / 4P
   20mm BIG LAMP
logo
SunLED Corporation
FUR20D6A SUNLED-FUR20D6A Datasheet
188Kb / 4P
   20mm BIG LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com