Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1274 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD1274
Description  RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1274 Datasheet(HTML) 3 Page - STMicroelectronics

  SD1274 Datasheet HTML 1Page - STMicroelectronics SD1274 Datasheet HTML 2Page - STMicroelectronics SD1274 Datasheet HTML 3Page - STMicroelectronics SD1274 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IMPEDANCE DATA
FREQ.
ZIN (
Ω)ZCL (Ω)
175 MHz
1.0 + j 0.4
2.3 + j 0.1
PIN
= 3.0 W
VCE
= 12.5 V
TYPICAL PERFORMANCE (cont’d)
POWER OUTPUT vs SUPPLY VOLTAGE
(175 MHz)
POWER GAIN vs FREQUENCY
POWER OUTPUT vs POWER INPUT
SD1274
3/4


Similar Part No. - SD1274

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD1274 ETC1-SD1274 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
SD1274-01 STMICROELECTRONICS-SD1274-01 Datasheet
79Kb / 7P
   RF POWER BIPOLAR TRANSISTORS VHF MOBILE APPLICATIONS
logo
List of Unclassifed Man...
SD1274-01 ETC1-SD1274-01 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
Advanced Semiconductor
SD1274-01 ASI-SD1274-01 Datasheet
34Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - SD1274

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS1506 ADPOW-MS1506 Datasheet
88Kb / 3P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1014-06 ADPOW-SD1014-06 Datasheet
119Kb / 4P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
logo
STMicroelectronics
SD1275 STMICROELECTRONICS-SD1275 Datasheet
56Kb / 4P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
logo
Advanced Power Technolo...
MS1337 ADPOW-MS1337 Datasheet
108Kb / 3P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1003 ADPOW-MS1003 Datasheet
97Kb / 3P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1261 ADPOW-MS1261 Datasheet
97Kb / 3P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
logo
STMicroelectronics
SD1477 STMICROELECTRONICS-SD1477 Datasheet
64Kb / 6P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
November 1992
logo
Advanced Power Technolo...
MS1505 ADPOW-MS1505 Datasheet
115Kb / 3P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1251 ADPOW-MS1251 Datasheet
193Kb / 6P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
logo
STMicroelectronics
SD1275-01 STMICROELECTRONICS-SD1275-01 Datasheet
59Kb / 4P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com