Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4000001 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # K4000001
Description  Ultrasonic Sonar Ranging IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K4000001 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  K4000001 Datasheet HTML 1Page - List of Unclassifed Manufacturers K4000001 Datasheet HTML 2Page - List of Unclassifed Manufacturers K4000001 Datasheet HTML 3Page - List of Unclassifed Manufacturers K4000001 Datasheet HTML 4Page - List of Unclassifed Manufacturers K4000001 Datasheet HTML 5Page - List of Unclassifed Manufacturers K4000001 Datasheet HTML 6Page - List of Unclassifed Manufacturers K4000001 Datasheet HTML 7Page - List of Unclassifed Manufacturers K4000001 Datasheet HTML 8Page - List of Unclassifed Manufacturers K4000001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pro-Wave Electronics Corp.
Tel: 886-2-22465101
Fax: 886-2-22465105
E-mail: sales@pro-wave.com.tw
URL: http://www.prowave.com.tw
2
Block Diagram
4V Regulator
System
Clock
Ultrasonic R/C Oscillator
Timer
High-Speed
Comparator
Band-pass Filter
32 Steps
TCG Amp
1st Pre-Amp
Control
Center
Auto Frequency
Tracking
Sensor
Driver
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
I_O
HP_O
LP_O
HP_I
LP_I
TCG_O
GR_O
TCG_I
GR_I
ECHO
Vref
Vcc
GND
Vreg
CLK
ORC3
ORC1
ORC2
Ftrace
Driver_O
Fixed Gain
Amp
Pin Assignment
I_O
HP_O
HP_I
LP_O
LP_I
TCG_O
TCG_I
GR_O
GR_I
ECHO
Vref
Vcc
Vreg
GND
CLK
ORC3
ORC2
ORC1
Ftrace
Driver_O
10
9
20
19
18
17
16
15
14
13
12
11
8
7
6
5
4
3
2
1


Similar Part No. - K4000001

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K4000 LEIDITECH-K4000 Datasheet
644Kb / 6P
   High voltage lamp ignitors
K4000L LEIDITECH-K4000L Datasheet
1Mb / 6P
   The sidac is a silicon bilateral voltage triggered switch with greater power-handling capabilities than standard diacs
More results

Similar Description - K4000001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL851CDR TI1-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
logo
List of Unclassifed Man...
SRM400 ETC2-SRM400 Datasheet
108Kb / 2P
   Sonar Ranging Module
logo
Texas Instruments
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
TL851 TI-TL851 Datasheet
82Kb / 6P
[Old version datasheet]   SONAR RANGING CONTROL
TL852 TI1-TL852_12 Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
logo
Microchip Technology
AN597 MICROCHIP-AN597 Datasheet
63Kb / 8P
   Implementing Ultrasonic Ranging
1995
logo
Murata Manufacturing Co...
MA58MF14-7N MURATA-MA58MF14-7N Datasheet
186Kb / 3P
   Back sonar for automotive
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
   Radar and sonar processing
ADLQM87HD ADL-ADLQM87HD_18 Datasheet
573Kb / 4P
   Radar and sonar processing
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
   Multi-ranging operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com