Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2133JPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2133JPBF
Description  3-PHASE BRIDGE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2133JPBF Datasheet(HTML) 2 Page - International Rectifier

  IRS2133JPBF Datasheet HTML 1Page - International Rectifier IRS2133JPBF Datasheet HTML 2Page - International Rectifier IRS2133JPBF Datasheet HTML 3Page - International Rectifier IRS2133JPBF Datasheet HTML 4Page - International Rectifier IRS2133JPBF Datasheet HTML 5Page - International Rectifier IRS2133JPBF Datasheet HTML 6Page - International Rectifier IRS2133JPBF Datasheet HTML 7Page - International Rectifier IRS2133JPBF Datasheet HTML 8Page - International Rectifier IRS2133JPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.irf.com
2
IRS2133/IRS2135 (J&S)PbF
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are
measured under board mounted and still air conditions. Zener clamps are included between VCC & COM (25 V), VCC
& VSS (20V), and VBx & VSx (20 V).
Recommended Operating Conditions
The input/output logic timing diagram is shown in Fig. 1. For proper operation the device should be used within the
recommended conditions. All voltage parameters are absolute voltage referenced to COM. The VS offset rating is
tested with all supplies biased at a 15 V differential.
Note 1:
Logic operational for VS of (COM - 8 V) to (COM + 600 V). Logic state held for VS of (COM - 8 V) to (COM –
VBS). (Please refer to the Design Tip DT97-3 for more details).
Note 2:
The CAO pin and all input pins (except CA+ & CA-) are internally clamped with a 5.2 V zener diode.
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High side floating supply voltage
-0.3
625
VS1,2,3
High side floating offset voltage
VB1,2,3 - 20
VB1,2,3 + 0.3
VHO1,2,3
High side floating output voltage
VS1,2,3 - 0.3
VB1,2,3 + 0.3
VCC
Fixed supply voltage
-0.3
25
VSS
Logic ground
VCC - 20
VCC + 0.3
VLO1,2,3
Low side output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage ( HIN, LIN ITRIP, SD & FLT-CLR)
VSS -0.3
VCC + 0.3
VIN,AMP
Operational amplifier input voltage (CA+ & CA-)
VSS -0.3
VCC +0.3
VOUT,AMP
Operational amplifier output voltage (CAO)
VSS -0.3
VCC +0.3
VFLT
FAULT output voltage
VSS -0.3
VCC +0.3
V
dVS/dt
Allowable offset supply voltage transient
50
V/ns
(28 lead PDIP)
1.5
(28 lead SOIC)
1.6
PD
Package power dissipation @ TA ≤ +25 °C
(44 lead PLCC)
2.0
W
(28 lead PDIP)
83
(28 lead SOIC)
78
Rth,JA
Thermal resistance, junction to ambient
(44 lead PLCC)
63
°C/W
TJ
Junction temperature
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
300
°C
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High side floating supply voltage
VS1,2,3 +10/12
VS1,2,3 +20
VS1,2,3
High side floating offset voltage
Note 1
600
VHO1,2,3
High side floating output voltage
VS1,2,3
VB1,2,3
VCC
Fixed supply voltage
10 or 12
20
VSS
Low side driver return
-5
5
VLO1,2,3
Low side output voltage
0
VCC
VIN
Logic input voltage (HIN, LIN ITRIP, SD & FLT-CLR)
VSS
VSS + 5
VIN,AMP
Operational amplifier input voltage (CA+ & CA-)
VSS
VSS + 5
VOUT,AMP
Operational amplifier output voltage (CAO)
VSS
VSS + 5
VFLT
FAULT output voltage
VSS
VCC
V
PRELIMINARY


Similar Part No. - IRS2133JPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2130 IRF-IRS2130 Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
IRS21303 IRF-IRS21303 Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
IRS21303D IRF-IRS21303D Datasheet
537Kb / 23P
   3-PHASE BRIDGE DRIVER
IRS21303DJPBF IRF-IRS21303DJPBF Datasheet
537Kb / 23P
   3-PHASE BRIDGE DRIVER
IRS21303DPBF IRF-IRS21303DPBF Datasheet
537Kb / 23P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IRS2133JPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com