Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3501 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE3501
Description  3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3501 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE3501_08 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE3501_08 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3501_08 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3501_08 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3501_08 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3501_08 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3501_08 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3501_08 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3501_08 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Product Specification
PE3501
Page 2 of 8
©2005-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0111-04
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 3.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Figure 3. Pin Configuration (Top View)
Device Functional Considerations
The PE3501 divides a 400 MHz to 3500 MHz
input signal by two, producing a 200 MHz to 1750
MHz output signal. To work properly, pin 3 must
be supplied with a bypass capacitor to ground. In
addition, the input and output signals (pins 2 & 7)
must be AC coupled via an external capacitor, as
shown in the test circuit in Figure 4.
The ground pattern on the board should be made
as wide as possible to minimize ground
impedance. See Figure 11 for a layout example.
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be
restricted to the limits in the Operating Ranges
table. Operation between operating range
maximum and absolute maximum for extended
periods may reduce reliability.
3501
1
2
3
4
8
7
6
5
FIN
GND
DEC
GND
FOUT
VDD
NC
GND
Pin
No.
Pin
Name
Description
1
VDD
Power supply pin. Bypassing is required.
2
Fin
Input signal pin. DC blocking capacitor
required (15 pF typical)
3
DEC
Power supply decoupling pin. Place a ca-
pacitor as close as possible and connect
directly to the ground plane.
4
GND
Ground pin. Ground pattern on the board
should be as wide as possible to reduce
ground impedance.
5
GND
Ground pin.
6
NC
No Connection. This pin should be left
open.
7
Fout
Divided frequency output pin. DC blocking
capacitor required (47 pF typical)
8
GND
Ground pin.
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
4.0
V
Pin
Input Power
15
dBm
TST
Storage temperature range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
VESD
ESD voltage (Human Body
Model)
250
V


Similar Part No. - PE3501_08

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3501-EK PEREGRINE-PE3501-EK Datasheet
204Kb / 8P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
More results

Similar Description - PE3501_08

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3501 PEREGRINE-PE3501 Datasheet
204Kb / 8P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3502 PEREGRINE-PE3502 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE3503 PEREGRINE-PE3503 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com