Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8303-3.3V Datasheet(PDF) 10 Page - SamHop Microelectronics Corp.

Part # SM8303-3.3V
Description  150KHz, 3A PWM Buck Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM8303-3.3V Datasheet(HTML) 10 Page - SamHop Microelectronics Corp.

Back Button SM8303-3.3V Datasheet HTML 3Page - SamHop Microelectronics Corp. SM8303-3.3V Datasheet HTML 4Page - SamHop Microelectronics Corp. SM8303-3.3V Datasheet HTML 5Page - SamHop Microelectronics Corp. SM8303-3.3V Datasheet HTML 6Page - SamHop Microelectronics Corp. SM8303-3.3V Datasheet HTML 7Page - SamHop Microelectronics Corp. SM8303-3.3V Datasheet HTML 8Page - SamHop Microelectronics Corp. SM8303-3.3V Datasheet HTML 9Page - SamHop Microelectronics Corp. SM8303-3.3V Datasheet HTML 10Page - SamHop Microelectronics Corp. SM8303-3.3V Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SAMHOP Microelectronics Corp.
SM8303
150KHz, 3A PWM Buck Switching Regulator
10
V1.0 May 17 ,2007
Package Information
(1) Package Type: TO220-5L
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Max.
Min.
Max.
A
3.56
4.83
0.140
0.190
b
0.38
1.02
0.015
0.040
C
0.36
0.61
0.014
0.024
D
14.22
16.51
0.560
0.650
E
9.65
10.67
0.380
0.420
e
1.702 BSC
0.067 BSC
e1
6.858
8.89
0.270
0.350
F
0.508
1.397
0.020
0.055
H1
5.84
6.86
0.230
0.270
J1
2.03
2.92
0.080
0.115
L
12.70
14.73
0.520
0.580
ø
P
3.53
4.10
0.139
0.161
Q
2.54
3.43
0.100
0.135
E
b
e1
A
J1
F
C
øP
e


Similar Part No. - SM8303-3.3V

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SM830308-1 DBUNLIMITED-SM830308-1 Datasheet
804Kb / 1P
   Released from Engineering
More results

Similar Description - SM8303-3.3V

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
SamHop Microelectronics...
SM8312 SAMHOP-SM8312 Datasheet
245Kb / 11P
   150KHz, 2A PWM Buck Switching Regulator
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com