Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS181NSR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS181NSR
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS181NSR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75ALS181NSR Datasheet HTML 6Page - Texas Instruments SN75ALS181NSR Datasheet HTML 7Page - Texas Instruments SN75ALS181NSR Datasheet HTML 8Page - Texas Instruments SN75ALS181NSR Datasheet HTML 9Page - Texas Instruments SN75ALS181NSR Datasheet HTML 10Page - Texas Instruments SN75ALS181NSR Datasheet HTML 11Page - Texas Instruments SN75ALS181NSR Datasheet HTML 12Page - Texas Instruments SN75ALS181NSR Datasheet HTML 13Page - Texas Instruments SN75ALS181NSR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SN75ALS181
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SLLS152B – DECEMBER 1992 – REVISED APRIL 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
VOLTAGE WAVEFORMS
2 k
S2
5 V
S3
1N916 or Equivalent
5 k
(see Note B)
CL = 15 pF
50
S1
1.5 V
–1.5 V
tPZL
1.5 V
1.5 V
3 V
0 V
VOL
S1 to –1.5 V
S2 Closed
S3 Open
tPZH
1.5 V
1.5 V
Input
0 V
3 V
Output
0 V
VOH
VOL
0.5 V
1.5 V
0 V
3 V
S1 to –1.5 V
S2 Closed
S3 Closed
tPLZ
VOH
tPHZ
3 V
0 V
1.5 V
0.5 V
Input
Output
1.3 V
Input
Output
Input
Output
4.5 V
1.3 V
S1 to 1.5 V
S2 Open
S3 Closed
S1 to 1.5 V
S2 Open
S3 Closed
(see Note A)
Generator
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tr ≤ 6 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 8. Receiver Output Enable and Disable Times


Similar Part No. - SN75ALS181NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS181NSR TI-SN75ALS181NSR Datasheet
314Kb / 14P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181NSR TI-SN75ALS181NSR Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181NSRG4 TI-SN75ALS181NSRG4 Datasheet
314Kb / 14P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181NSRG4 TI-SN75ALS181NSRG4 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
More results

Similar Description - SN75ALS181NSR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490 Datasheet
203Kb / 8P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181 Datasheet
314Kb / 14P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179A TI1-SN75179A Datasheet
191Kb / 10P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491_15 Datasheet
192Kb / 12P
   Differential Driver and Receiver Pair
LTC491 LINER-LTC491_04 Datasheet
182Kb / 12P
   Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com