Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCDT1101 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TCDT1101
Description  Optocoupler, Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCDT1101 Datasheet(HTML) 7 Page - Vishay Siliconix

  TCDT1101 Datasheet HTML 1Page - Vishay Siliconix TCDT1101 Datasheet HTML 2Page - Vishay Siliconix TCDT1101 Datasheet HTML 3Page - Vishay Siliconix TCDT1101 Datasheet HTML 4Page - Vishay Siliconix TCDT1101 Datasheet HTML 5Page - Vishay Siliconix TCDT1101 Datasheet HTML 6Page - Vishay Siliconix TCDT1101 Datasheet HTML 7Page - Vishay Siliconix TCDT1101 Datasheet HTML 8Page - Vishay Siliconix TCDT1101 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83535
782
Rev. 1.6, 16-May-08
TCDT1100/TCDT1100G
Vishay Semiconductors
Optocoupler, Phototransistor Output
PACKAGE DIMENSIONS in millimeters
14770
6.4 max.
7.62 ± 0.1
B
0.4 B
technical drawings
according to DIN
specifications
Weight: ca. 0.50 g
Creepage distance: > 6 mm
Air path: > 6 mm
after mounting on PC board
1 2 3
6 5 4
8.8 max.
8.6 max.
1.54
2.54 nom.
5.08 nom.
0.58 max.
0.3 A
A
9 ± 0.6
0.3 max.
14771
8.8 max.
8.6 max.
0.3 max.
6.4 max.
1.54
technical drawings
according to DIN
specifications
Weight: ca. 0.50 g
Creepage distance: > 8 mm
Air path: > 8 mm
after mounting on PC board
10.16 ± 0.2
7.62 ± 0.1
2.54 nom.
5.08 nom.
0.58 max.
1 2 3
6
5
4
0.4
0.3
B
A
A
B


Similar Part No. - TCDT1101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1101 VISHAY-TCDT1101 Datasheet
139Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCDT1101G VISHAY-TCDT1101G Datasheet
139Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
More results

Similar Description - TCDT1101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output
Rev. 1.8, 16-May-08
CNY17 VISHAY-CNY17_05 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
K817P VISHAY-K817P Datasheet
235Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.7, 26-Oct-04
ILD621 VISHAY-ILD621_07 Datasheet
176Kb / 10P
   Optocoupler, Phototransistor Output
Rev. 1.5, 20-Dec-07
TCET1204 VISHAY-TCET1204_V01 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2022
CNY74-2H VISHAY-CNY74-2H_08 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output,Multichannel
Rev. 1.5, 07.-Dec-07
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com