Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3379EETD+T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3379EETD+T
Description  ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3379EETD+T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3379EETD+T Datasheet HTML 1Page - Maxim Integrated Products MAX3379EETD+T Datasheet HTML 2Page - Maxim Integrated Products MAX3379EETD+T Datasheet HTML 3Page - Maxim Integrated Products MAX3379EETD+T Datasheet HTML 4Page - Maxim Integrated Products MAX3379EETD+T Datasheet HTML 5Page - Maxim Integrated Products MAX3379EETD+T Datasheet HTML 6Page - Maxim Integrated Products MAX3379EETD+T Datasheet HTML 7Page - Maxim Integrated Products MAX3379EETD+T Datasheet HTML 8Page - Maxim Integrated Products MAX3379EETD+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
General Description
The MAX3372E–MAX3379E and MAX3390E–MAX3393E
±15kV ESD-protected level translators provide the level
shifting necessary to allow data transfer in a multivoltage
system. Externally applied voltages, VCC and VL, set the
logic levels on either side of the device. A low-voltage
logic signal present on the VL side of the device appears
as a high-voltage logic signal on the VCC side of the
device, and vice-versa. The MAX3374E/MAX3375E/
MAX3376E/MAX3379E and MAX3390E–MAX3393E unidi-
rectional level translators level shift data in one direction
(VL
→ VCC or VCC → VL) on any single data line. The
MAX3372E/MAX3373E and MAX3377E/MAX3378E bidi-
rectional level translators utilize a transmission-gate-
based design (Figure 2) to allow data translation in either
direction (VL
↔ VCC) on any single data line. The
MAX3372E–MAX3379E and MAX3390E–MAX3393E
accept VL from +1.2V to +5.5V and VCC from +1.65V to
+5.5V, making them ideal for data transfer between low-
voltage ASICs/PLDs and higher voltage systems.
All devices in the MAX3372E–MAX3379E, MAX3390E–
MAX3393E family feature a three-state output mode that
reduces supply current to less than 1µA, thermal short-
circuit protection, and ±15kV ESD protection on the VCC
side for greater protection in applications that route sig-
nals externally. The MAX3372E/MAX3377E operate at a
guaranteed data rate of 230kbps. Slew-rate limiting
reduces EMI emissions in all 230kbps devices. The
MAX3373E–MAX3376E/MAX3378E/MAX3379E and
MAX3390E–MAX3393E operate at a guaranteed data rate
of 8Mbps over the entire specified operating voltage
range. Within specific voltage domains, higher data rates
are possible. (See the Timing Characteristics table.)
The MAX3372E–MAX3376E are dual level shifters
available in 3 x 3 UCSP™, 8-pin TDFN, and 8-pin
SOT23-8 packages. The MAX3377E/MAX3378E/
MAX3379E and MAX3390E–MAX3393E are quad level
shifters available in 3 x 4 UCSP, 14-pin TDFN, and 14-
pin TSSOP packages.
________________________Applications
SPI™, MICROWIRE™, and I2C Level
Translation
Low-Voltage ASIC Level Translation
Smart Card Readers
Cell-Phone Cradles
Portable POS Systems
Portable Communication Devices
Low-Cost Serial Interfaces
Cell Phones
GPS
Telecommunications Equipment
Features
♦ Guaranteed Data Rate Options
230kbps
8Mbps (+1.2V
≤ VL ≤ VCC ≤ +5.5V)
10Mbps (+1.2V
≤ VL ≤ VCC ≤ +3.3V)
16Mbps (+1.8V
≤ VL ≤ VCC ≤ +2.5V and +2.5V
≤ VL ≤ VCC ≤ +3.3V)
♦ Bidirectional Level Translation
(MAX3372E/MAX3373E and
MAX3377E/MAX3378E)
♦ Operation Down to +1.2V on VL
♦ ±15kV ESD Protection on I/O VCC Lines
♦ Ultra-Low 1µA Supply Current in Three-State
Output Mode
♦ Low-Quiescent Current (130µA typ)
♦ UCSP, TDFN, SOT23, and TSSOP Packages
♦ Thermal Short-Circuit Protection
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
________________________________________________________________ Maxim Integrated Products
1
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
I/0 VCC1
I/0 VCC2
N.C.
N.C.
I/O VL2
I/O VL1
MAX3377E/
MAX3378E
VL
I/0 VCC3
GND
I/O VL4
I/O VL3
TDFN-14
(3mm x 3mm)
THREE-STATE
I/0 VCC4
TOP VIEW
Pin Configurations
19-2328; Rev 2; 11/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
UCSP is a trademark of Maxim Integrated Products, Inc.
SPI is a trademark of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
Ordering Information continued at end of data sheet.
Selector Guide appears at end of data sheet.
Pin Configurations continued at end of data sheet.
PART
TEMP
RANGE
PIN-
PACKAGE
PKG
CODE
MAX3372EEKA+T
-40°C to +85°C
8 SOT23
K8S-3
+Denotes a lead-free package.
T = Tape and reel.


Similar Part No. - MAX3379EETD+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3379EETD+T MAXIM-MAX3379EETD+T Datasheet
2Mb / 26P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
More results

Similar Description - MAX3379EETD+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_V01 Datasheet
2Mb / 26P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
MAX3372E MAXIM-MAX3372E Datasheet
533Kb / 25P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3394E MAXIM-MAX3394E Datasheet
556Kb / 20P
   ±15kV ESD-Protected, High-Drive Current, Dual-/Quad-/ Octal-Level Translators with Speed-Up Circuitry
Rev 2; 2/07
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com