Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQP11A18NG00 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # LQP11A18NG00
Description  CHIP COIL
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQP11A18NG00 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button LQP11A18NG00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQP11A18NG00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQP11A18NG00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQP11A18NG00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQP11A18NG00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LQP11A18NG00 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LQP11A18NG00 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LQP11A18NG00 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LQP11A18NG00 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
7
This is the PDF file of catalog No.O05E-5.
No.O05E5.pdf 00.3.15
This is the PDF file of catalog No.O05E-5.
No.O05E5.pdf 00.3.15
!TYPICAL ELECTRICAL CHARACTERISTICS
¡Q - Frequency Characteristics
¡Inductance - Temperature Characteristics
¡Inductance - Current Characteristics
¡Coupling Coefficient
100
80
60
40
20
0
0.1
Q
100
80
60
40
20
0
0.1
Q
100
80
60
40
20
0
Q
Frequency (MHz)
0.5
1
5
10
50
100
0.5
1
Frequency (MHz)
5
10
0.5
1
Frequency (MHz)
510
1000
µH
100
µH
10
µH
1
µH
100
µH
10
µH
1
µH
100
µH 10µH
LQH3N
LQH4N/LQN4N
LQH1N
10
5
0
-5
-10
-20
10
5
0
-5
-10
10
5
0
-5
-10
020
Temperature (
D)
40
60
80
-20
0
20
Temperature (
D)
40
60
80
-20
0
20
Temperature (
D)
40
60
80
1
µH
100
µH
1.0
µH
220
µH
10
µH
10
µH
1000
µH
1000
µH
LQH3N
LQH4N/LQN4N
LQH1N
500
100
50
10
5
1
510
50
Current (mA)
500
100
50
10
5
1
5000
1000
500
100
50
10
100
500
5
10
50
Current (mA)
100
500
5
10
50
Current (mA)
100
500
1.0
µH
10
µH
33
µH
100
µH
1.0
µH
10
µH
3.9
µH
39
µH
100
µH
220
µH
10
µH
100
µH
39
µH
390
µH
1000
µH
2200
µH
LQH3N
LQH4N/LQN4N
LQH1N
10
8
6
4
2
0
0.5
1
5
10
50
100
Inductance (
µH)
R
R=0.9mm
R=2.0mm
(2.5mm Pitch Parallel
Mounting)
LQH1N


Similar Part No. - LQP11A18NG00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP15M MURATA-LQP15M Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
LQP15MN10NG02 MURATA-LQP15MN10NG02 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQP15MN10NG02 MURATA-LQP15MN10NG02 Datasheet
70Kb / 2P
   Inductance
LQP15MN10NG02B MURATA-LQP15MN10NG02B Datasheet
70Kb / 2P
   Inductance
LQP15MN10NG02D MURATA-LQP15MN10NG02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
More results

Similar Description - LQP11A18NG00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE21CCNR47MELL MURATA1-DFE21CCNR47MELL Datasheet
392Kb / 9P
   CHIP COIL(CHIP INDUCTORS)
LQH2HNHR56K03L MURATA1-LQH2HNHR56K03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Superworld Electronics
CCM0504200NFG SUPERWORLD-CCM0504200NFG Datasheet
140Kb / 4P
   Chip Common Mode Choke Coil
logo
Murata Manufacturing Co...
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Abracon Corporation
ACCC-0805 ABRACON-ACCC-0805 Datasheet
243Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
ACCC-1206 ABRACON-ACCC-1206 Datasheet
242Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com