Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR193T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BFR193T
Description  Silicon NPN Planar RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFR193T Datasheet(HTML) 3 Page - Vishay Siliconix

  BFR193T Datasheet HTML 1Page - Vishay Siliconix BFR193T Datasheet HTML 2Page - Vishay Siliconix BFR193T Datasheet HTML 3Page - Vishay Siliconix BFR193T Datasheet HTML 4Page - Vishay Siliconix BFR193T Datasheet HTML 5Page - Vishay Siliconix BFR193T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BFR193T / BFR193TW
Document Number 85073
Rev. 1.3, 28-Apr-05
Vishay Semiconductors
www.vishay.com
3
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in mm (Inches)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Transition frequency
VCE = 8 V, IC = 50 mA,
f = 1 GHz
fT
68
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
0.6
1.0
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
0.25
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
1.6
pF
Noise figure
ZS = ZSopt,ZL=50Ω, f = 900
MHz, VCE = 8 V, IC = 10 mA
F1.2
dB
ZS = ZSopt,ZL=50Ω, f = 2 GHz,
VCE = 8 V, IC = 10 mA
F2.1
dB
Power gain
ZS = ZSopt,ZL=50Ω, f = 900
MHz, VCE = 8 V, IC = 30 mA
Gpe
15
dB
ZS = ZSopt,ZL=50Ω, f = 2 GHz,
VCE = 8 V,
IC = 30 mA
Gpe
9dB
Transducer gain
ZO=50Ω, f = 900 MHz,
VCE = 8 V, IC = 30 mA
|S21e|
2
13
dB
ZO=50Ω, f = 2 GHz, VCE = 8 V,
IC = 30 mA
|S21e|
2
7dB
Third order intercept point at
output
VCE = 8 V, IC = 50 mA,
f = 900 MHz
IP3
34
dBm
2.0 (0.079)
0.9 (0.035)
0.95 (0.037)
0.95 (0.037)
0.52 (0.020)
1
2
3
17418
2.8 (.110)
3.1 (.122)
0.4 (.016)
0.95 (.037)
0.95 (.037)
0.1 (.004) max.
0.4 (.016)
0.4 (.016)
0.098 (.005)
0.175 (.007)
2.35 (.092)
2.6 (.102)
ISO Method E
Mounting Pad Layout


Similar Part No. - BFR193T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFR193T VISHAY-BFR193T Datasheet
68Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 2, 14-Feb-00
logo
Infineon Technologies A...
BFR193T INFINEON-BFR193T Datasheet
70Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
logo
Vishay Siliconix
BFR193T VISHAY-BFR193T Datasheet
258Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 08-Sep-08
BFR193TF VISHAY-BFR193TF Datasheet
146Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 28-Apr-05
BFR193TW VISHAY-BFR193TW Datasheet
68Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 2, 14-Feb-00
More results

Similar Description - BFR193T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 4, 20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 6, 30-Jun-00
logo
Zetex Semiconductors
ZTX325 ZETEX-ZTX325 Datasheet
52Kb / 2P
   NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFR181TF VISHAY-BFR181TF Datasheet
171Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 28-Apr-05
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com