Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T368E105K035A Datasheet(PDF) 9 Page - Kemet Corporation

Part # T368E105K035A
Description  TANTALUM DIPPED / RADIAL - POLAR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T368E105K035A Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T368E105K035A Datasheet HTML 2Page - Kemet Corporation T368E105K035A Datasheet HTML 3Page - Kemet Corporation T368E105K035A Datasheet HTML 4Page - Kemet Corporation T368E105K035A Datasheet HTML 5Page - Kemet Corporation T368E105K035A Datasheet HTML 6Page - Kemet Corporation T368E105K035A Datasheet HTML 7Page - Kemet Corporation T368E105K035A Datasheet HTML 8Page - Kemet Corporation T368E105K035A Datasheet HTML 9Page - Kemet Corporation T368E105K035A Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
69
TANTALUM DIPPED / 3 LEADED
T396 & T398 SERIES “ULTRADIP III”
KEMET UltraDip III Capacitors offer the advantages of solid tanta-
lum construction and a “fail-safe” insertion mechanism. The three-
leaded design (the anode is in the center) enables operators to
insert the capacitors into printed circuit boards correctly without hav-
ing to visually determine polarity. This timesaving device also elimi-
nates board damage that may result from incorrect insertion.
The UltraDip III Series features a capacitance range of 0.1 to 680
µF at 3 to 50 VDC. These miniature dipped solid tantalum capacitors
are encased in a tough plastic barrier coating that maintains the pre-
cise lead wire spacing within ±0.015 inch. The gold color epoxy per-
mits laser markings with outstanding permanency and legibility. All
case sizes are printed with capacitance, voltage and vendor I.D.
The UltraDip III Series from KEMET Capacitors exhibit low DCL,
ESR and Impedance and have excellent temperature stability.
These capacitors may be ordered with precut leads (see drawing for
lengths) or in KEMET Capacitor ARIS packaging (leads taped and
on reels) for high speed automatic insertion equipment.
CAPACITOR
OUTLINE DRAWING
Both
T396
T398
Series
Case
W
T
H*
H*
Size
Width
Thickness
Height
Height
T396/T398
A
.280 (7.1)
.190 (4.8)
.310 (7.9)
.355 (9.0)
T396/T398
B
.280 (7.1)
.190 (4.8)
.320 (8.1)
.365 (9.3)
T396/T398
C
.280 (7.1)
.200 (5.1)
.360 (9.1)
.390 (9.9)
T396/T398
D
.280 (7.1)
.200 (5.1)
.370 (9.4)
.390 (9.9)
T396/T398
E
.280 (7.1)
.230 (5.8)
.380 (9.7)
.415 (10.5)
T396/T398
F
.280 (7.1)
.240 (6.1)
.410 (10.4)
.430 (10.9)
T396/T398
G
.280 (7.1)
.250 (6.3)
.420 (10.7)
.440 (11.2)
T396/T398
H
.280 (7.1)
.270 (6.9)
.420 (10.7)
.440 (11.2)
T396/T398
J
.300 (7.6)
.300 (7.6)
.460 (11.7)
.480 (12.2)
T396/T398
K
.340 (8.6)
.340 (8.6)
.500 (12.7)
.500 (12.7)
T396/T398
L
.340 (8.6)
.340 (8.6)
.560 (14.2)
.580 (14.7)
T396/T398
M
.360 (9.1)
.360 (9.1)
.620 (15.7)
.620 (15.7)
DIMENSIONS—INCHES & (MILLIMETERS)
*NOTE: “H” dimensions are from seating plane to top of capacitor.
ORDERING INFORMATION
T
39X
A
105
M
035
A
S
TANTALUM
SERIES
T396 Straight leads
T398 Standoff leads
CASE SIZE
A, B, C, D, E, F, G, H, J, K, L & M
PICOFARAD CODE
First two digits are significant
figures. Third figure is the
number of zeros following.
LEAD MATERIAL
S — Standard
FAILURE RATE LEVEL
A — Not Applicable
VOLTAGE RATING
For 6.3 Volts use 006
CAPACITANCE TOLERANCE
M — ±20% (K — 10% Special Order Only)
.187
±.032
(4.75
±.81)
.10
±.008 (2.54±.20)
W
MAX.
T
MAX.
T398
H
MAX.
.20
±.015 (5.08±.38)
.187
±.05
(4.75
±1.27)
.10
±.008 (2.54±.20)
W
MAX.
T
MAX.
T396
H
MAX.
.02
±.002
(.5
±.05)
.20
±.015 (5.08±.38)
-
+
-
.02
±.002
(.5
±.05)
Date
Code
Capacitance
(pF code)
KEMET
Trademark
Voltage
Rating
CAPACITOR
MARKING


Similar Part No. - T368E105K035A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T368E105K035AS KEMET-T368E105K035AS Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T368E105K035AS KEMET-T368E105K035AS Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T368E105K035AT KEMET-T368E105K035AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
More results

Similar Description - T368E105K035A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T350B105K050AT KEMET-T350B105K050AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T350G106K035AS KEMET-T350G106K035AS Datasheet
376Kb / 13P
   TANTALUM DIPPED/RADIAL-POLAR
T350A105M035AT KEMET-T350A105M035AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T368 KEMET-T368 Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Illinois Capacitor, Inc...
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com