Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V436632R24VL Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V436632R24VL
Description  3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436632R24VL Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V436632R24VL Datasheet HTML 1Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 2Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 3Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 4Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 5Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 6Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 7Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 8Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOSEL VITELIC
V436632R24V(L)
5
V436632R24V(L) Rev.1.0 October 2001
DC Characteristics
TA =0°Cto70°C; VSS =0V; VDD,VDDQ =3.3V ± 0.3V
28
Minimum Row Active to Row Active Delay
tRRD
14 ns/15 ns/16 ns
0E
0F
10
29
Minimum RAS to CAS Delay tRCD
15 ns/20 ns
0F
14
14
30
Minimum RAS Pulse Width tRAS
42 ns/45 ns
2A
2D
2D
31
Module Bank Density (Per Bank)
128 MByte
20
20
20
32
SDRAM Input Setup Time
1.5 ns/2.0 ns
15
15
20
33
SDRAM Input Hold Time
0.8 ns/1.0 ns
08
08
10
34
SDRAM Data Input Setup Time
1.5 ns/2.0 ns
15
15
20
35
SDRAM Data Input Hold Time
0.8 ns/1.0 ns
08
08
10
62-61
Superset Information (May be used in Future)
00
00
00
62
SPD Revision
Revision 2/1.2
02
02
12
63
Checksum for Bytes 0 - 62
E5
2A
98
64
Manufacturer’s JEDEC ID Code
Mosel Vitelic
40
40
40
65-71
Manufacturer’s JEDEC ID Code (cont.)
00
00
00
72
Manufacturing Location
73-90
Module Part Number (ASCII)
V436632R24V(L)
91-92
PCB Identification Code
93
Assembly Manufacturing Date (Year)
94
Assembly Manufacturing Date (Week)
95-98
Assembly Serial Number
99-125
Reserved
00
00
00
126
Intel Specification for Frequency
64
64
64
127
Supported frequency
128+
Unused Storage Location
00
00
00
Symbol
Parameter
Limit Values
Unit
Min.
Max.
VIH
Input High Voltage
2.0
VCC+0.3
V
VIL
Input Low Voltage
–0.5
0.8
V
VOH
Output High Voltage (IOUT = –2.0 mA)
2.4
V
VOL
Output Low Voltage (IOUT =2.0 mA)
0.4
V
SPD (Continued)Table
Byte Num-
ber
Function Described
SPD Entry Value
Hex Value
-75PC
-75
-10PC


Similar Part No. - V436632R24VL

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436632S24V MOSEL-V436632S24V Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436632S24VXTG-10PC MOSEL-V436632S24VXTG-10PC Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436632S24VXTG-75 MOSEL-V436632S24VXTG-75 Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436632S24VXTG-75PC MOSEL-V436632S24VXTG-75PC Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436632Y24V MOSEL-V436632Y24V Datasheet
314Kb / 12P
   256MB 144-PIN UNBUFFERED SDRAM SODIMM, 32M X 64 3.3VOLT
More results

Similar Description - V436632R24VL

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436632S24V MOSEL-V436632S24V Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436532S04VATG-75 MOSEL-V436532S04VATG-75 Datasheet
288Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516R04VL MOSEL-V436516R04VL Datasheet
381Kb / 12P
   3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436532S04VATG MOSEL-V436532S04VATG Datasheet
289Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436532S04VATG-10PC MOSEL-V436532S04VATG-10PC Datasheet
198Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43658R04V MOSEL-V43658R04V Datasheet
207Kb / 12P
   3.3 VOLT 8M x 64 UNBUFFERED SDRAM MODULE
V436632Z24V MOSEL-V436632Z24V Datasheet
297Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V826532K04S MOSEL-V826532K04S Datasheet
268Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826632K24S MOSEL-V826632K24S Datasheet
126Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com