Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

900160J071AN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 900160J071AN
Description  CARTRIDGE TYPE LED LAMPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

900160J071AN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  900160J071AN Datasheet HTML 1Page - List of Unclassifed Manufacturers 900160J071AN Datasheet HTML 2Page - List of Unclassifed Manufacturers 900160J071AN Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Littelites
LL-5
Lighting Components & Design, Inc.®
· 692S.MilitaryTrail,DeerfieldBch.,FL33442 · TEL: (954)-425-0123 FAX: (954)-425-0110
2
Clear (Silver)
Anodized
Standard
Overview
The 900 Series neon cartridge lamp mates with 910 Series
lampholders. Constructed with an aluminum case, the 900/
901 series neon lamps are ideally suited for 125 volt
applications. The 901 series cartridge lamps are 0.125"
longer than the 900 series to accept blue or green neon
lamps and mate with the 911 series lampholders. Please
consult the table below.
Approvals
UL Recognized and CSA Certified.
Specifications
Sleeve: Aluminum. Clear anodized finish standard. Black
anodized finish optional.
Termination: .040" dia. stainless steel pins mounted in nylon
header.
Voltage options: Std. Brightness, 105 to 125 AC or DC
volts. High Brightness, 110 to 125 AC volts. Green Neon,
115 to 125 AC or DC volts. Blue Neon, 105 to 125 AC volts
or 105 to 150 DC volts.
Lens: Heat resistant, high strength polycarbonate. When
type 03 (short cylindrical) lens is used in a 910 or 911 Series
holder with a screw-on lens cap, specify "colorless
nondiffusing" for 03 lens color. Lens Marking: Cylindrical
lenses may be stamped. Contact factory.
900/901 SERIES CARTRIDGE TYPE
Neon Lamps
1
Use with lens colors AN, CN, RN, WN, or YN.
2
For use on 900 series only with type 01 and 04 lenses.
3
For use on 901 series only with lens colors GN, CN, or WN.
4
For use on 901 series with lens colors BN, CN, or WN.
5
External resistor required.
6
Best suited for wide angle viewing.
7
Recommended for best light distribution.
8
For 901 series only when used with blue or green lamp
respectively.
Series
Number
Termination
Lamp Code
Resistor
Lens Type
Sleeve Finish
Lens Color
ORDERING INFORMATION:
EXAMPLE:
Standard Brightness
A9A Lamp
Code
Internal Resistor Value
X5
C
E
T
X5
A
S
C
X5
X5
B
B
No Built-In Resistor
56K OHM, 3K Life Hrs.
100K OHM, 15K Life Hrs.
150K OHM, 25K Life Hrs.
No Built-In Resistor
22K OHM, 5K Life Hrs.
33K OHM, 25K Life Hrs.
56K OHM, 25K Life Hrs.
No Built-In Resistor
No Built-In Resistor
30K OHM, 10K Life Hrs.
30K OHM, 10K Life Hrs.
No Built-in Resistor
Long Stovepipe Lens
Clear Anodized
Finish
Amber Non-
diffusing Lens
900
901
1
Stainless
steel pins
standard
521 Standard
Brightness A1B
531 High Brightness
A1C
502 Standard
Brightness
A9A (NE2E)
512 High Brightness
C2A (NE2H)
563 Green Neon
574 Blue Neon
A
Tin-plated
stainless
steel pins
for printed
circuit board
mounting
016
03
04
077
1
Black
Anodized
Nondiffusing
(Clear)
AN Amber
CN Colorless
RN Red
WN White
YN Yellow
BN8 Blue
GN8 Green
Lens Type
Dimension A in Inches (Max.)
900 Series
901 Series
01
03
04
07
1.328
1.453
1.140
1.265
1.328
1.453
1.140
1.265
Note: Reference Lamp
Selection Guide.
TYPE 04
LONG CYLINDRICAL LENS
TYPE 01
LONG STOVEPIPE LENS
TYPE 03
SHORT CYLINDRICAL LENS
TYPE 07
SHORT CYLINDRICAL
FLUTED LENS
A
.453
±.015
.203
±.015
.265
±.015
A
.203
±.015
.330
±.010
A
.453
±.015
.203
±.015
.284
±.005
.160 ±.002
.020 ±.005
Long Stovepipe
Short Cylindrical
Long Cylindrical
Short Cylindrical
Fluted
900
1 50 X
01 2 AN


Similar Part No. - 900160J071AN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
900167 MACOM-900167 Datasheet
2Mb / 43P
   AMP Dynamic Series Connectors
More results

Similar Description - 900160J071AN

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
910 VCC-910 Datasheet
347Kb / 1P
   Cartridge Lamps
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8I65540-PF LIGITEK-L8I65540-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8Y45740 LIGITEK-L8Y45740 Datasheet
102Kb / 5P
   RECTANGLE TYPE LED LAMPS
L8Y45841 LIGITEK-L8Y45841 Datasheet
119Kb / 5P
   RECTANGLE TYPE LED LAMPS
L9SE8G65562-PF LIGITEK-L9SE8G65562-PF Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
L2DBK2363 LIGITEK-L2DBK2363 Datasheet
111Kb / 6P
   BIPOLAR TYPE LED LAMPS
L2SBKS2363 LIGITEK-L2SBKS2363 Datasheet
108Kb / 6P
   BIPOLAR TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com