Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE427PK4220JR05 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PHE427PK4220JR05
Description  Double metallized film pulse capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE427PK4220JR05 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PHE427PK4220JR05 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE427PK4220JR05 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE427PK4220JR05 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE427PK4220JR05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE427PK4220JR05 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE427PK4220JR05 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE427PK4220JR05 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
224
PHE427
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
630 VDC/300 VAC
LEAD SPACING 22.5 MM
1000 VDC/375 VAC
Not
for
new
design
0.047
6.5
14.5
26.0
22.5
234
3.2
600
58
PHE427MD5470JR06L2
0.056
6.5
14.5
26.0
22.5
234
3.2
600
58
PHE427MD5560JR06L2
0.068
6.5
14.5
26.0
22.5
234
3.2
600
58
PHE427MD5680JR06L2
0.082
7.0
16.5
26.0
22.5
216
3.9
600
53
PHE427MD5820JR06L2
0.10
7.0
16.5
26.0
22.5
216
3.9
600
52
PHE427MD6100JR06L2
0.12
9.0
18.5
26.0
22.5
168
5.6
600
48
PHE427MD6120JR06L2
0.15
9.0
18.5
26.0
22.5
168
5.6
600
46
PHE427MD6150JR06L2
0.18
10.5
19.0
26.0
22.5
264
6.7
600
45
PHE427MD6180JR06L2
0.22
11.0
21.5
26.0
22.5
253
8.0
600
41
PHE427MD6220JR06L2
LEAD SPACING 27.5 MM
0.15
10.5
20.5
31.5
27.5
216
8.0
300
37
PHE427MF6150JR06L2
0.18
10.5
20.5
31.5
27.5
216
8.0
300
37
PHE427MF6180JR06L2
0.22
10.5
20.5
31.5
27.5
216
8.0
300
37
PHE427MF6220JR06L2
0.27
11.5
22.5
31.5
27.5
198
10.6
300
35
PHE427MF6270JR06L2
0.33
11.5
22.5
31.5
27.5
198
10.6
300
34
PHE427MF6330JR06L2
0.39
14.5
24.5
31.5
27.5
153
14.5
300
32
PHE427MF6390JR06L2
0.47
14.5
24.5
31.5
27.5
153
14.5
300
31
PHE427MF6470JR06L2
0.56
17.5
28.0
31.5
27.5
126
19.7
300
28
PHE427MF6560JR06L2
0.68
17.5
28.0
31.5
27.5
126
19.7
300
27
PHE427MF6680JR06L2
LEAD SPACING 37.5 MM
0.47
13.0
24.0
41.0
37.5
140
16.6
250
27
PHE427MR6470JR06L2
0.56
13.0
24.0
41.0
37.5
140
16.6
250
27
PHE427MR6560JR06L2
0.68
15.0
26.0
41.0
37.5
119
20.8
250
25
PHE427MR6680JR06L2
0.82
16.5
32.0
41.0
37.5
105
28.1
250
22
PHE427MR6820JR06L2
1.0
16.5
32.0
41.0
37.5
105
28.1
250
22
PHE427MR7100JR06L2
1.2
19.0
36.0
41.0
37.5
91
36.5
250
19
PHE427MR7120JR06L2
LEAD SPACING 7.5 MM
0.00068
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE427PK3680JR05
0.00082
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE427PK3820JR05
0.0010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE427PK4100JR05
0.0012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE427PK4120JR05
0.0015
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE427PK4150JR05
0.0018
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE427PK4180JR05
0.0022
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE427PK4220JR05
0.0027
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
2000
160
PHE427PK4270JR05
0.0033
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
2000
160
PHE427PK4330JR05
0.0039
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
2000
160
PHE427PK4390JR05
0.0047
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
2000
160
PHE427PK4470JR05
0.0056
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
2000
160
PHE427PK4560JR05
0.0068
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
2000
160
PHE427PK4680JR05
0.0082
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
2000
160
PHE427PK4820JR05
LEAD SPACING 10.0 MM
0.0010
4.0
9.0
13.0
10.0
1000
1000
900
0.6
2000
160
PHE427PA4100JR05
0.0012
4.0
9.0
13.0
10.0
1000
1000
900
0.6
2000
160
PHE427PA4120JR05
0.0015
4.0
9.0
13.0
10.0
1000
1000
900
0.6
2000
160
PHE427PA4150JR05
0.0018
4.0
9.0
13.0
10.0
1000
1000
900
0.6
2000
160
PHE427PA4180JR05
0.0022
4.0
9.0
13.0
10.0
1000
1000
900
0.6
2000
160
PHE427PA4220JR05
0.0027
4.0
9.0
13.0
10.0
1000
1000
900
0.6
2000
160
PHE427PA4270JR05
0.0033
4.0
9.0
13.0
10.0
1000
1000
900
0.6
2000
160
PHE427PA4330JR05
0.0039
4.0
9.0
13.0
10.0
1000
1000
900
0.6
2000
160
PHE427PA4390JR05


Similar Part No. - PHE427PK4220JR05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE426DJ4100JR05 ETC2-PHE426DJ4100JR05 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426DJ4100JR05 KEMET-PHE426DJ4100JR05 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE426DJ4120JR05 ETC2-PHE426DJ4120JR05 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE427PK4220JR05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE450 ETC2-PHE450 Datasheet
95Kb / 12P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com