Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T350D105J035A Datasheet(PDF) 8 Page - Kemet Corporation

Part # T350D105J035A
Description  TANTALUM DIPPED / RADIAL - POLAR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T350D105J035A Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T350D105J035A Datasheet HTML 2Page - Kemet Corporation T350D105J035A Datasheet HTML 3Page - Kemet Corporation T350D105J035A Datasheet HTML 4Page - Kemet Corporation T350D105J035A Datasheet HTML 5Page - Kemet Corporation T350D105J035A Datasheet HTML 6Page - Kemet Corporation T350D105J035A Datasheet HTML 7Page - Kemet Corporation T350D105J035A Datasheet HTML 8Page - Kemet Corporation T350D105J035A Datasheet HTML 9Page - Kemet Corporation T350D105J035A Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MAX.
DISSI-
PATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
6 VOLT RATING AT 85°C
82.0
C
T368C826(1)006AS
3.9
8
100.0
C
T368C107(1)006AS
4.8
8
120.0
C
T368C127(1)006AS
5.8
8
150.0
C
T368C157(1)006AS
7.2
8
180.0
D
T368D187(1)006AS
8.6
8
220.0
D
T368D227(1)006AS
10.0
8
270.0
D
T368D277(1)006AS
10.0
8
330.0
D
T368D337(1)006AS
10.0
8
10 VOLT RATING AT 85°C
47.0
C
T368C476(1)010AS
3.8
6
56.0
C
T368C566(1)010AS
4.4
6
68.0
C
T368C686(1)010AS
5.4
6
82.0
C
T368C826(1)010AS
6.5
8
100.0
C
T368C107(1)010AS
8.0
8
120.0
D
T368D127(1)010AS
9.6
8
150.0
D
T368D157(1)010AS
10.0
8
180.0
D
T368D187(1)010AS
10.0
8
220.0
D
T368D227(1)010AS
10.0
8
15 VOLT RATING AT 85°C
27.0
C
T368C276(1)015AS
3.2
6
33.0
C
T368C336(1)015AS
4.0
6
39.0
C
T368C396(1)015AS
4.7
6
47.0
C
T368C476(1)015AS
5.6
6
56.0
C
T368C566(1)015AS
6.8
6
68.0
C
T368C686(1)015AS
8.2
6
82.0
D
T368D826(1)015AS
9.8
8
100.0
D
T368D107(1)015AS
10.0
8
120.0
D
T368D127(1)015AS
10.0
8
150.0
D
T368D157(1)015AS
10.0
8
20 VOLT RATING AT 85°C
18.0
C
T368C186(1)020AS
2.8
6
22.0
C
T368C226(1)020AS
3.5
6
27.0
C
T368C276(1)020AS
4.3
6
33.0
C
T368C336(1)020AS
5.3
6
39.0
C
T368C396(1)020AS
6.2
6
47.0
C
T368C476(1)020AS
7.5
6
56.0
D
T368D566(1)020AS
8.9
6
68.0
D
T368D686(1)020AS
10.0
6
82.0
D
T368D826(1)020AS
10.0
8
100.0
D
T368D107(1)020AS
10.0
8
MAX.
DISSI-
PATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
25 VOLT RATING AT 85°C
12.0
C
T368C126(1)025AS
2.4
6
15.0
C
T368C156(1)025AS
3.0
6
18.0
C
T368C186(1)025AS
3.6
6
22.0
C
T368C226(1)025AS
4.4
6
27.0
C
T368C276(1)025AS
5.4
6
33.0
C
T368C336(1)025AS
6.6
6
39.0
D
T368D396(1)025AS
7.8
6
47.0
D
T368D476(1)025AS
9.4
6
56.0
D
T368D566(1)025AS
10.0
6
68.0
D
T368D686(1)025AS
10.0
6
35 VOLT RATING AT 85°C
8.2
C
T368C825(1)035AS
2.3
6
10.0
C
T368C106(1)035AS
2.8
6
12.0
C
T368C126(1)035AS
3.3
6
15.0
C
T368C156(1)035AS
4.2
6
18.0
C
T368C186(1)035AS
5.0
6
22.0
C
T368C226(1)035AS
6.2
6
27.0
D
T368D276(1)035AS
7.5
6
33.0
D
T368D336(1)035AS
9.2
6
39.0
D
T368D396(1)035AS
10.0
6
47.0
D
T368D476(1)035AS
10.0
6
50 VOLT RATING AT 85°C
5.6
C
T368C565(1)050AS
2.2
5
6.8
C
T368C685(1)050AS
2.7
5
8.2
C
T368C825(1)050AS
3.2
6
10.0
C
T368C106(1)050AS
4.0
6
12.0
C
T368C126(1)050AS
4.8
6
15.0
C
T368C156(1)050AS
6.0
6
18.0
D
T368D186(1)050AS
7.2
6
22.0
D
T368D226(1)050AS
8.8
6
TANTALUM DIPPED / RADIAL
T368 SERIES “ULTRADIP II”
68
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
T368
RATINGS AND PART NUMBER REFERENCE
T368 CAPACITOR OUTLINE DRAWING
T368
DIMENSIONS — INCHES + (MILLIMETERS)
CASE
SIZE
TMAX
WMAX
HMAX
0.250
0.40
0.42
C
(6.35)
(10.16)
(10.67)
0.250
0.460
0.52
D
(6.35)
(11.68)
(13.20)
(1) To complete KEMET part number, insert capacitance tolerance K– ±10%, M– ±20%,
or J– ±5% (Available on special order).
* For Marking Information refer to page 63.
* For Ordering Information refer to page 63.
.187
±.032
(4.75
±.81)
H
.025
±.002
(.64
±.05)
.250
±.015
(6.35
±.38)
.100 MAX.
(2.54)
W
MAX.
T
MAX.
C & D CASES


Similar Part No. - T350D105J035A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T350D105J035AS KEMET-T350D105J035AS Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
More results

Similar Description - T350D105J035A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T350B105K050AT KEMET-T350B105K050AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T350G106K035AS KEMET-T350G106K035AS Datasheet
376Kb / 13P
   TANTALUM DIPPED/RADIAL-POLAR
T350A105M035AT KEMET-T350A105M035AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T368 KEMET-T368 Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Illinois Capacitor, Inc...
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com