Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T354D105J035A Datasheet(PDF) 6 Page - Kemet Corporation

Part # T354D105J035A
Description  TANTALUM DIPPED / RADIAL - POLAR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T354D105J035A Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T354D105J035A Datasheet HTML 2Page - Kemet Corporation T354D105J035A Datasheet HTML 3Page - Kemet Corporation T354D105J035A Datasheet HTML 4Page - Kemet Corporation T354D105J035A Datasheet HTML 5Page - Kemet Corporation T354D105J035A Datasheet HTML 6Page - Kemet Corporation T354D105J035A Datasheet HTML 7Page - Kemet Corporation T354D105J035A Datasheet HTML 8Page - Kemet Corporation T354D105J035A Datasheet HTML 9Page - Kemet Corporation T354D105J035A Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TANTALUM DIPPED / RADIAL — MIL-PRF-49137/2
T363 (CX02), T369 (CX12) SERIES
66
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
Product manufactured to the requirements of MIL-PRF-49137
satisfy all the performance characteristics of the UltraDip II. The
performance characteristics meet or exceed the requirements of
MIL-PRF-49137.
In addition to the standard process testing done on the UltraDip II,
all product supplied to MIL-PRF-49137 is sampled on a lot by lot
basis for Group A and Group B inspection to insure compliance.
Product supplied per MIL-PRF-49137 also receives an additional
post process burn-in for at least two (2) hours under accelerated
voltage stress in excess of 125% of DC rated voltage. This post
process burn-in is equivalent to 200 hours under rated conditions.
CAPACITOR OUTLINE DRAWINGS
DIMENSIONS — INCHES & (MILLIMETERS)
MIL-PRF-49137 MARKING INFORMATION
MIL-PRF-49137/2 ORDERING INFORMATION
CX
02
D
225
K
TYPE
Capacitors, Fixed, Solid Tantalum
Conformal Coated, Non-hermetically Sealed.
STYLE
02 (T363) A, B, C & D Cases
12 (T369) A & B Cases Only
VOLTAGE
CAPACITANCE TOLERANCE
CAPACITANCE IN PICORARAD CODE
The nominal capacitance value, expressed in
picofarads (pF), is identified by a three-digit number;
the first two digits represent significant figures and
the last digit specifies the number of zeros to follow.
Symbol
Capacitance Tolerance
Percent (±)
K10
M20
CASE
D MAX
H MAX
SIZE
A
0.175
0.350
(4.45)
(8.89)
B
0.250
0.450
(6.35)
(11.43)
C
0.350
0.610
(8.89)
(15.49)
D
0.400
0.740
(10.16)
(18.80)
T363 A-D CASE
T369 A&B CASE ONLY
*For KEMET Ordering Information, see page 63.
.187
± .032
(4.75
± .81)
T363 (CX02)
A, B, C & D CASES
A & B
.020
± .002
(.51
± .05)
C & D
.025
± .002
(.64
± .05)
H
MAX.
.250
± .015
(6.35
± .38)
D
MAX.
D
MAX.
T369 (CX12)
A & B CASES
.250
± .025
(6.35
± .64)
H
MAX.
.125
± .015
(3.18
± .38)
.020
± .002
(.51
± .05)
.187
± .032
(4.75
± .81)
Mfg. - KEMET
Voltage
Polarity
Capacitance Tolerance
Capacitance
(in Picofarad Code)
Date
Code
Symbol
Rated (857C)
Surge (857C)
Volts, dc
Volts, dc
D6
8
F10
13
H15
20
J20
26
K25
32
M35
46
N50
65


Similar Part No. - T354D105J035A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T354D105J035AS KEMET-T354D105J035AS Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
T354D105J035AS KEMET-T354D105J035AS Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T354D105J035AS KEMET-T354D105J035AS Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T354D105J035AT KEMET-T354D105J035AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
More results

Similar Description - T354D105J035A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T350B105K050AT KEMET-T350B105K050AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T350G106K035AS KEMET-T350G106K035AS Datasheet
376Kb / 13P
   TANTALUM DIPPED/RADIAL-POLAR
T350A105M035AT KEMET-T350A105M035AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T368 KEMET-T368 Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Illinois Capacitor, Inc...
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com