Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16835DLRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # 74ALVCH16835DLRG4
Description  18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH16835DLRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74ALVCH16835DLRG4 Datasheet HTML 2Page - Texas Instruments 74ALVCH16835DLRG4 Datasheet HTML 3Page - Texas Instruments 74ALVCH16835DLRG4 Datasheet HTML 4Page - Texas Instruments 74ALVCH16835DLRG4 Datasheet HTML 5Page - Texas Instruments 74ALVCH16835DLRG4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16835DLRG4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16835DLRG4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16835DLRG4 Datasheet HTML 9Page - Texas Instruments 74ALVCH16835DLRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74ALVCH16835
18-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES053J – SEPTEMBER 1995 – REVISED OCTOBER 2004
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MAX
MIN
MAX
MIN
MAX
fmax
(1)
150
150
150
MHz
A
(1)
1
4.2
4.2
1
3.6
tpd
LE
Y
(1)
1.3
5
4.9
1.3
4.2
ns
CLK
(1)
1.4
5.5
5.2
1.4
4.5
ten
OE
Y
(1)
1.4
5.5
5.6
1.1
4.6
ns
tdis
OE
Y
(1)
1
4.5
4.3
1.3
3.9
ns
(1)
This information was not available at the time of publication.
from 0
°C to 65°C, C
L = 50 pF
VCC = 3.3 V
FROM
TO
± 0.15 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
tpd
CLK
Y
1.7
4.5
ns
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
Outputs enabled
(1)
26
31
Power dissipation
Cpd
CL = 50 pF,
f = 10 MHz
pF
capacitance
Outputs disabled
(1)
12
14
(1)
This information was not available at the time of publication.
6


Similar Part No. - 74ALVCH16835DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVCH16831DBBRE4 TI-74ALVCH16831DBBRE4 Datasheet
131Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH16831DBBRG4 TI-74ALVCH16831DBBRG4 Datasheet
131Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16832 PHILIPS-74ALVCH16832 Datasheet
89Kb / 12P
   7-bit to 28-bit address register/driver with 3-state outputs
2001 Dec 14
74ALVCH16832DGG PHILIPS-74ALVCH16832DGG Datasheet
89Kb / 12P
   7-bit to 28-bit address register/driver with 3-state outputs
2001 Dec 14
logo
Texas Instruments
74ALVCH16832DGGRE4 TI1-74ALVCH16832DGGRE4 Datasheet
299Kb / 11P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16835DLRG4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16834 TI-SN74ALVC16834 Datasheet
149Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835 TI-SN74ALVCH162835 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16834 TI-SN74AVC16834 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hynix Semiconductor
HG74ALVC16835C HYNIX-HG74ALVC16835C Datasheet
135Kb / 7P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AVC16835 TI1-SN74AVC16835_08 Datasheet
429Kb / 17P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16835 TI-SN74ALVC16835_07 Datasheet
496Kb / 18P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVC162835 RENESAS-HD74ALVC162835 Datasheet
241Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Hynix Semiconductor
HG74ALVC162835C HYNIX-HG74ALVC162835C Datasheet
139Kb / 8P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC162834 TI-SN74ALVC162834 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com