Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2211DR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCS2211DR2G
Description  Low Distortion Audio Power Amplifier with Differential Output and Shutdown Mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2211DR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCS2211DR2G Datasheet HTML 2Page - ON Semiconductor NCS2211DR2G Datasheet HTML 3Page - ON Semiconductor NCS2211DR2G Datasheet HTML 4Page - ON Semiconductor NCS2211DR2G Datasheet HTML 5Page - ON Semiconductor NCS2211DR2G Datasheet HTML 6Page - ON Semiconductor NCS2211DR2G Datasheet HTML 7Page - ON Semiconductor NCS2211DR2G Datasheet HTML 8Page - ON Semiconductor NCS2211DR2G Datasheet HTML 9Page - ON Semiconductor NCS2211DR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NCS2211
http://onsemi.com
8
APPLICATIONS INFORMATION
The NCS2211 is unity gain stable and therefore does not
require any compensation, but a proper power-supply
bypass is required as shown in Figure 24. Performance will
be enhanced by adding a filter capacitor (C2) to the
mid-supply node (pin 2). See Typical Performance
Characteristics for details.
It is preferable to AC couple the input to avoid a large
DC output offset.
Both outputs can be driven to within 400 mV of either
supply rail with an 8
W load.
Typical Application of the Device:
6
Output (-)
VCC
Bias
(-) Input
Output (+)
Enable
-
+
-
+
R2
20k
R1
20k
C1
C2
0.1
mF
Figure 24.
+5 V
10
mF⎟⎟ 0.1 mF
C3
0.1
mF
2 VPP
5
8
1
7
VEE
2
4
3
Filtering
(+) Input
RL
THERMAL CONSIDERATIONS
Care must be taken to not exceed the maximum junction
temperature of the device (150
°C). Figure 15 shows the
tradeoff between output power and junction temperature for
different areas of exposed PCB copper (2 oz). If the
maximum power is exceeded momentarily, normal circuit
operation will be restored as soon as the die temperature is
reduced. Leaving the device in an “overheated” condition
for an extended period can result in device burnout. To
ensure proper operation, it is important to observe the SOA
curves.
GAIN
Since the output is differential, the gain from input to the
speaker is: AVD = 2 x R2/R1. For low level input signals,
THD will be optimized by pre-amplifying the signal and
running the NCS2211 at gain AVD = 2 and C2=1 mF.
BIAS FILTERING
Even though the NCS2211 will operate nominally with no
filter capacitor on pin 2, THD performance will be improved
dramatically with a filter capacitor installed (see Typical
Performance Characteristics). In addition a C2 filter
capacitor at pin 2 will suppress start-up popping noise. To
insure optimal suppression the time constant of the bias
filtering needs to be greater than the time constant of the
input capacitive coupling circuit, that is C2 x 25 k > C1 x R1.
ORDERING INFORMATION
Device
Package
Shipping
NCS2211DG
SOIC-8
(Pb-Free)
98 Units / Rail
NCS2211DR2G
SOIC-8
(Pb-Free)
2500 / Tape & Reel
NCS2211MNTXG
DFN-8
(Pb-Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCS2211DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2211DR2G ONSEMI-NCS2211DR2G Datasheet
130Kb / 11P
   Low Distortion Audio Power Amplifier
May, 2014 ??Rev. 3
More results

Similar Description - NCS2211DR2G

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4990 UTC-PA4990_18 Datasheet
221Kb / 9P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4990D-UTLS2-TR ISSI-IS31AP4990D-UTLS2-TR Datasheet
293Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
PA4990 UTC-PA4990 Datasheet
259Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990_15 Datasheet
289Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4990D ISSI-IS31AP4990D Datasheet
278Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com