Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCE161284DLRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVCE161284DLRG4
Description  19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVCE161284DLRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 74LVCE161284DLRG4 Datasheet HTML 4Page - Texas Instruments 74LVCE161284DLRG4 Datasheet HTML 5Page - Texas Instruments 74LVCE161284DLRG4 Datasheet HTML 6Page - Texas Instruments 74LVCE161284DLRG4 Datasheet HTML 7Page - Texas Instruments 74LVCE161284DLRG4 Datasheet HTML 8Page - Texas Instruments 74LVCE161284DLRG4 Datasheet HTML 9Page - Texas Instruments 74LVCE161284DLRG4 Datasheet HTML 10Page - Texas Instruments 74LVCE161284DLRG4 Datasheet HTML 11Page - Texas Instruments 74LVCE161284DLRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Output
(see Note C)
From
B or Y Output
Under Test
SLEW RATE A-TO-B OR A-TO-Y LOAD (TOTEM POLE) OR PERI LOGIC IN TO PERI LOGIC OUT
VOLTAGE WAVEFORMS MEASURED AT TP1
SLEW RATE WAVEFORMS (B1−8 AND Y9−13)
62
CL = 50 pF
(see Note A)
TP1
VCC CABLE
CL = 50 pF
(see Note A)
Sink Load
Source Load
62
A-TO-B LOAD OR A-TO-Y LOAD (OPEN DRAIN) OR PERI LOGIC IN TO PERI LOGIC OUT
VOLTAGE WAVEFORMS MEASURED AT TP1, B SIDE
2.7 V
VOH
VOL
0 V
1.4 V
1.4 V
2 V
2 V
0.8 V
0.8 V
tr
tf
TP1
From
B or Y Output
CL = 50 pF
(see Note A)
500
VCC CABLE
NOTES: A. CL includes probe and jig capacitance.
B. When VCC CABLE is 3.3 V " 0.3 V, slew rate is measured between 0.4 V and 0.9 V for the rising edge and between 2.4 V and 1.9 V
for the falling edge. When VCC CABLE is 5 V " 0.5 V, slew rate is measured between 0.4 V and 1.9 V for the rising edge and between
95% VCC CABLE and 50% VCC CABLE for the falling edge.
C. Input rise (tr) and fall (tf) times are 3 ns. Rise and fall times (open drain) are <120 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
Input
(see Note C)
0 V
2.7 V
Input
(see Note B)
Output
(see Note B)
Output
(see Note B)
tf1
95% (VCC CABLE = 5.0 V"0.5 V)
50% (VCC CABLE = 5.0 V"0.5 V)
1.9 V (VCC CABLE = 5.0 V"0.5 V)
0.4 V
tr1
t
slew fall
+ VCC
95% – 50%
t
f1
t
slew rise
+
1.9 V – 0.4 V
t
r1
SN74LVCE161284
19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER
WITH ERROR-FREE POWER UP
SCES541 – JANUARY 2004 – REVISED MARCH 2005
Figure 2. Load Circuits and Voltage Waveforms
8


Similar Part No. - 74LVCE161284DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVCE161284DLRG4 TI-74LVCE161284DLRG4 Datasheet
336Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
More results

Similar Description - 74LVCE161284DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCE161284 TI-SN74LVCE161284_07 Datasheet
336Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A_05 Datasheet
140Kb / 11P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A_08 Datasheet
277Kb / 13P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284 Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
logo
STMicroelectronics
74LVCZ161284A STMICROELECTRONICS-74LVCZ161284A Datasheet
437Kb / 12P
   LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
July 2005
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
   IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
   IEEE 1284 Transceiver
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
   IEEE 1284 Interface Design Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com