Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCPJ-2-1W-75 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SCPJ-2-1W-75
Description  POWER SPLITTERS/COMBINERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SCPJ-2-1W-75 Datasheet(HTML) 1 Page - Mini-Circuits

  SCPJ-2-1W-75 Datasheet HTML 1Page - Mini-Circuits SCPJ-2-1W-75 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
128
PSCJ-2
ZMSCJ-2
ZSCJ-2
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
NOTES:
u
Aqueous washable
o
Non-hermetic
*
Phase unbalance is 3 degrees max from fL to 3 fL.
**
For SCPJ-2-750-75: L=30-375 MHz, U=375-750 MHz
J
When only specification for M range given, specifications applied to
entire frequency range.
n
Denotes 75 Ohm model, for coax connector models
75 Ohm BNC connectors are standard.
v
Available only with SMA connectors.
<
At low range frequency band (fL to 10 fL), linearly derate maximum
input power by 13 dB.
A.
General Quality Control Procedures, Environmental Specifications,
Hi-Rel and MIL description are given in section 0, see “Mini-Circuits
Guarantees Quality” article.
B.
Connector types and case mounted options, case finishes are given
in section 0, see “Case styles & Outline Drawings”.
C.
Prices and specifications subject to change without notice.
1.
Absolute maximum power, voltage and current ratings:
1a. Matched power rating ................................................ 1 Watt
except models PSCJ-2-1W, SCPJ-2-1W-75,
SCPJ-2-750, SCPJ-2-750-75, AMT-2, SBTCJ-1W ........... 0.5 Watt
1b. Internal load dissipation .............................................. 0.125 Watt
SURFACE MOUNT
SCPJ
ZFSCJ-2
50 & 75
POWER SPLITTERS/COMBINERS
2 WAY-180° 10 kHz to 2 GHz
ZAPDJ-2
SBTCJ
ISOLATION
dB
INSERTION LOSS, dB
Above 3dB
PHASE
UNBALANCE
Degrees
C
O
N
N
E
C
T
I
O
N
f
L-fU
MJ
J
J
J
J
Max.
L
Max.
U
Max.
Note B
CASE
STYLE
AMPLITUDE
UNBALANCE
dB
U
Max.
MJ
J
J
J
J
Max.
L
Max.
FREQ.
RANGE
MHz
MODEL
NO.
MJ
J
J
J
J
Typ. Min.
L
Typ. Min.
U
Typ. Min.
L
Typ. Max.
MJ
J
J
J
J
Typ. Max.
U
Typ. Max.
PRICE
$
Qty.
(10-49)
PCB
Lay-
out
PL-
NEW
u SBTCJ-1W
1-750
23 20
22 20
24 20
0.6
1.7
0.6
1.2
0.9
1.8
3
7
10
0.2
0.4
0.9
AT790
nk
117
10.95
SCPJ-2-9
200-900
24 17
1.0
1.8
6
0.7
YY161
az
060
28.95
SCPJ-2-750
30-750
24 18
21 16
20 16
0.7
1.5
1.5
2.2
1.5
2.2
3
4
6
0.8
0.8
0.8
YY161
az
060
27.95
n SCPJ-2-1W-75
10-500
30 25
27 20
22 16
1.0
1.5
1.1
1.6
1.5
2.2
3
4
6
0.3
0.5
0.9
YY161
az
121
26.95
**
n SCPJ-2-750-75
30-750
26 20
26 16
1.0
1.5
1.5
2.2
3
6
0.8
0.9
YY161
az
121
27.95
PSCJ-2-1
1-200
35 30
35 25
30 23
0.75 1
0.5
0.8
0.75 1.2
2
2.5
4
0.3
0.15
0.3
A01
az
25.95
PSCJ-2-1W
100-600
30 20
1.0
1.9
6
0.5
A06
az
28.95
< PSCJ-2-2
0.01-20
35 25
30 25
25 18
0.3
0.8
0.2
0.5
0.3
0.6
1*
2
2.5
0.1
0.1
0.2
A01
az
36.95
n PSCJ-2-1-75
1-200
35 30
31 25
26 20
0.6
1.2
0.8
1.2
1.2
1.8
2
4
6
0.25
0.2
0.5
A01
az
25.95
ZFSCJ-2-1
1-500
30 20
33 25
30 18
1
1.5
1
1.5
1
1.5
2
4
7
0.5
0.2
0.5
K18
as
59.95
s< ZFSCJ-2-2
0.01-20
35 25
30 25
25 18
0.3
0.8
0.2
0.5
0.3
0.6
1*
2
2.5
0.1
0.1
0.2
K18
as
57.95
ZFSCJ-2-3
5-300
30 20
33 25
30 18
1
1.5
1
1.5
1
1.5
2
4
6
0.15
0.2
0.5
K18
as
49.95
s ZFSCJ-2-4
50-1000
30 20
25 18
1.2
1.9
1.6
2.4
6
7
0.6
0.6
K18
as
69.95
ZMSCJ-2-1
1-200
35 30
35 25
30 23
0.75 1
0.6
0.8
0.75 1.2
2
2.5
4
0.3
0.15
0.3
M21
at
57.95
< ZMSCJ-2-2
0.01-20
35 25
30 25
25 18
0.3
0.8
0.2
0.5
0.3
0.6
1*
2
2.5
0.1
0.1
0.2
M21
at
67.95
ZSCJ-2-1
1-200
35 30
35 25
30 23
0.75 1
0.6
0.8
0.75 1.2
2
2.5
4
0.3
0.15
0.3
M22
at
51.95
< ZSCJ-2-2
0.01-20
35 25
30 25
25 18
0.3
0.8
0.2
0.5
0.3
0.6
1*
2
2.5
0.1
0.1
0.2
M22
at
59.95
ZAPDJ-2
1000-2000
22 18
22 18
22 18
1.3
1.8
1.3
1.8
1.3
1.8
6
6
6
0.8
0.8
0.8
F53
as
71.95


Similar Part No. - SCPJ-2-1W-75

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SCP EMERSON-NETWORKPOWER-SCP Datasheet
246Kb / 2P
   SCP Series, 30 Watt; Single, Dual and Triple
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
SCP-1840 SENSITRON-SCP-1840 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
SCP-1841 SENSITRON-SCP-1841 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Astrodyne Corporation
SCP-1K2 ASTRODYNE-SCP-1K2 Datasheet
1Mb / 3P
   900~1200W Parallel Type With PFC Function
More results

Similar Description - SCPJ-2-1W-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PSC-4-1 MINI-PSC-4-1 Datasheet
82Kb / 2P
   POWER SPLITTERS/COMBINERS
K1-SCG MINI-K1-SCG Datasheet
566Kb / 1P
   Power Splitters & Combiners
REV. OR
HPQ-04 MINI-HPQ-04 Datasheet
67Kb / 2P
   POWER SPLITTERS/COMBINERS
JCPS-8-10 MINI-JCPS-8-10 Datasheet
85Kb / 2P
   POWER SPLITTERS/COMBINERS
ZX10-4-SERIES MINI-ZX10-4-SERIES Datasheet
290Kb / 2P
   Power Splitters/Combiners 4 Way-0째 50??800 to 2700 MHz
ZX10-SERIES MINI-ZX10-SERIES Datasheet
136Kb / 1P
   Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
SCN-SERIES MINI-SCN-SERIES Datasheet
194Kb / 2P
   Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
QCN-SERIES MINI-QCN-SERIES Datasheet
143Kb / 3P
   Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz
K1-QCN MINI-K1-QCN Datasheet
279Kb / 1P
   POWER SPLITTER/COMBINERS
K1-ZX10 MINI-K1-ZX10 Datasheet
280Kb / 1P
   POWER SPLITTER/COMBINERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com