Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5522 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5522
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5522 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5522 Datasheet HTML 2Page - Linear Technology LT5522 Datasheet HTML 3Page - Linear Technology LT5522 Datasheet HTML 4Page - Linear Technology LT5522 Datasheet HTML 5Page - Linear Technology LT5522 Datasheet HTML 6Page - Linear Technology LT5522 Datasheet HTML 7Page - Linear Technology LT5522 Datasheet HTML 8Page - Linear Technology LT5522 Datasheet HTML 9Page - Linear Technology LT5522 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT5575
6
5575f
IIP2 vs LO Input Power at 900MHz
Conversion. Gain, IIP3, NF
vs LO Input Power at 2500MHz
TYPICAL AC PERFORMANCE CHARACTERISTICS V
CC = 5V, EN = High, TA = 25ºC, PRF = –10dBm
(–10dBm/tone for 2-tone IIP2 and IIP3 tests), fBB = 1MHz (0.9MHz and 1.1MHz for 2-tone tests), PLO = 0dBm, unless otherwise noted.
Test Circuit Shown in Figure 1 (Note 6).
LO INPUT POWER (dBm)
–15
15
20
25
5
5575 G10
10
5
0
–10
–5
0
35
30
CONV GAIN
DSB NF
IIP3
fLO = 901MHz
–40
°C
25
°C
85
°C
RF INPUT POWER (dBm)
–16
–110
–90
–70
–50
–30
10
–12
–8
–4
0
5575 G11
48
–10
IM3 PRODUCT
OUTPUT POWER
fLO = 901MHz
–40
°C
25
°C
85
°C
LO INPUT POWER (dBm)
–15
50
55
60
5
5575 G12
45
40
30
–10
–5
0
35
70
65
fLO = 901MHz
–40
°C
25
°C
85
°C
LO INPUT POWER (dBm)
–15
0
5
10
15
20
25
30
–10
– 5
0
5
5575 G13
DSB NF
CONV. GAIN
IIP3
fLO = 1901MHz
–40
°C
25
°C
85
°C
RF INPUT POWER (dBm)
–16
–110
–90
–70
–50
–30
10
–12
–8
–4
0
5575 G14
48
–10
IM3 PRODUCT
OUTPUT POWER
fLO = 1901MHz
–40
°C
25
°C
85
°C
LO INPUT POWER (dBm)
–15
40
45
50
55
60
65
70
–10
– 5
0
5
5575 G15
fLO = 1901MHz
–40
°C
25
°C
85
°C
LO INPUT POWER (dBm)
–15
0
5
10
15
20
25
30
–10
– 5
0
5
5575 G16
DSB NF
CONV. GAIN
IIP3
fLO = 2501MHz
–40
°C
25
°C
85
°C
RF INPUT POWER (dBm)
–16
–110
–90
–70
–50
–30
10
–12
–8
–4
0
5575 G17
48
–10
IM3 PRODUCT
OUTPUT POWER
fLO = 2501MHz
–40
°C
25
°C
85
°C
LO INPUT POWER (dBm)
–15
50
55
60
5
5575 G18
45
40
30
–10
–5
0
35
70
65
fLO = 2501MHz
–40
°C
25
°C
85
°C
Conversion Gain, IIP3, NF
vs LO Input Power at 900MHz
Output Power and IM3
vs RF Input Power at 900MHz
Conversion Gain, IIP3, NF
vs LO Input Power at 1900MHz
Output Power and IM3
vs RF Input Power at 1900MHz
IIP2 vs LO Input Power
at 1900MHz
IIP2 vs LO Input Power
at 2500MHz
Output Power and IM3
vs RF Input Power at 2500MHz


Similar Part No. - LT5522

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5522 LINER-LT5522 Datasheet
261Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5522 LINER-LT5522 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LT5522 LINER-LT5522 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LT5522EUF LINER-LT5522EUF Datasheet
261Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
More results

Similar Description - LT5522

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516_15 Datasheet
205Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8347 AD-AD8347 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
logo
Linear Technology
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com