Electronic Components Datasheet Search |
|
CO27VH15CB-02-10.000 Datasheet(PDF) 3 Page - Crystek Corporation |
|
CO27VH15CB-02-10.000 Datasheet(HTML) 3 Page - Crystek Corporation |
3 / 3 page Unless otherwise specified, Dimensions are in: IN (mm) 1.421 max (36.10 max) 1.00±0.008 (25.4±0.2) Ø 0.031 (Ø 0.80) CO 27 V H 15 DE - 02 - 10.000 Example: CO27VH15DE-02-10.000 Output Waveform H S HCMOS/TLL Compatible Sine Wave 0 dBm Stability Frequency Stability Vs Temperature Range PPB (±) 02 = ± 200 PPB ex: Pin 1 Function V = N = Volt. Cont. No Conn. Page 3 of 3 PN:CO27VH15DE-02-10.000 Rev. B Temperature Range -55°C -40°C -30°C -20°C -10°C 0°C A B C D E F A B C D E +50°C +60°C +70°C +80°C +85°C Lower temp. upper temp. +45°C F Supply Voltage 05 09 12 15 +5V +9V +12V +15V 3 2 1 5 4 Pin Function 1 2 3 4 5 Control Voltage No Connect Supply Voltage RF Output Case Ground Package Size 27 x 36 mm Bottom View |
Similar Part No. - CO27VH15CB-02-10.000 |
|
Similar Description - CO27VH15CB-02-10.000 |