Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA563-4 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA563-4
Description  16 Pin DIP 3 Bit Programmable TTL Delay Lines With I/O Completely Buffered
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA563-4 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA563-4 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package
Schematic
16 Pin DIP 3 Bit Programmable TTL Delay Lines
With I/O Completely Buffered
VOH High-Level Output Voltage
VCC= min. VIL= max. IOH = max 2.7
V
VOL
Low-Level Output Voltage
VCC= min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current
VCC= max. VOUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
130
mA
ICCL Low-Level Supply Current
VCC= max. VIN = 0
150
mA
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min
Max Unit
Input Pulse Test Conditions
Unit
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
150
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 500 nS
1.0
MHz
VCC
Supply Voltage
5.0
Volts
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
100
%
d*
Duty Cycle
20
%
TA
Operating Free-Air Temperature
0
+70
°C
Recommended
Operating Conditions
Min
Max
Unit
*These two values are inter-dependent.
OUTPUT DELAY TIME PROGRAMMING (nS)
PART
(INHERENT)
DELAY*
DATA INPUT (CBA)
NUMBER
±2 nS
nS
STEP **
000
001
010
011
100
101
110
111
EPA563-1
14
7
14
15
16
17
18
19
20
21
EPA563-2
14
14
14
16
18
20
22
24
26
28
EPA563-3
14
21
14
17
20
23
26
29
32
35
EPA563-4
14
28
14
18
22
26
30
34
38
42
EPA563-5
14
35
14
19
24
29
34
39
44
49
EPA563-6
14
42
14
20
26
32
38
44
50
56
EPA563-7
14
49
14
21
28
35
42
49
56
63
EPA563-8
14
56
14
22
30
38
46
54
62
70
EPA563-9
14
63
14
23
32
41
50
59
68
77
EPA563-10
14
70
14
24
34
44
54
64
74
84
MIN DELAY
DELAY
per
Total delay tolerances ±2 nS or ±5% whichever is greater.
All delays measured at 1.5V level on leading edge, no load (enable = "0"), at 25° C / 5.0 Vdc.
*This valule does not include the inherent delay.
TOTAL
1 ± 0.5 nS
2 ± 0.5 nS
3 ± 0.6 nS
4 ± 0.8 nS
5 ± 1.0 nS
6 ± 1.0 nS
7 ± 1.0 nS
8 ± 1.0 nS
9 ± 1.0 nS
10 ± 1.0 nS
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
DSA563 8/25/94
QAF-CSO1bb Rev. B 8/25/94
39
Programmable Delay Line
16
VCC
11
10
9
AB
C
4
IN
5
OUT
E
78
G
INPUT DATA
.365
Max.
.100
.88 Max.
.280
PCA
EPA563-1
Date Code
.010
± .002
.150
Typ.
.020
.040
Max.
.250
.020
Typ.
Max.
White Dot Pin#1


Similar Part No. - EPA563-4

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA563-4A PCA-EPA563-4A Datasheet
19Kb / 1P
   16 Pin DIP 3 Bit Programmable TTL Delay Lines With I/O Completely Buffered
More results

Similar Description - EPA563-4

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA563-1A PCA-EPA563-1A Datasheet
19Kb / 1P
   16 Pin DIP 3 Bit Programmable TTL Delay Lines With I/O Completely Buffered
EP8076-1 PCA-EP8076-1 Datasheet
18Kb / 1P
   16 Pin DIP 3 Bit Programmable TTL Delay Lines
logo
Rhombus Industries Inc.
PLDM8-0.5 RHOMBUS-IND-PLDM8-0.5 Datasheet
31Kb / 1P
   FAST / TTL Buffered I/O 4-Bit Programmable Delay Modules
logo
PCA ELECTRONICS INC.
EP9450-1 PCA-EP9450-1 Datasheet
19Kb / 1P
   16 Pin DIL 3 Bit Programmable ECL Delay Lines
EPA054 PCA-EPA054_15 Datasheet
23Kb / 1P
   16 Pin DIP 5 Tap TTL Compatible Active Delay Lines
EPA054-25 PCA-EPA054-25 Datasheet
23Kb / 1P
   16 Pin DIP 5 Tap TTL Compatible Active Delay Lines
EPA445-5 PCA-EPA445-5 Datasheet
20Kb / 1P
   8 Pin DIP Dual TTL Compatible Active Delay Lines
EP9734 PCA-EP9734_15 Datasheet
22Kb / 1P
   14 Pin DIP Quad TTL Compatible Active Delay Lines
EP9734-5 PCA-EP9734-5 Datasheet
22Kb / 1P
   14 Pin DIP Quad TTL Compatible Active Delay Lines
EP9206-005 PCA-EP9206-005 Datasheet
55Kb / 1P
   14 Pin DIP Triple TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com