Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1214A Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM1214A
Description  1 and 2 Channel PicoGuardTM AC Signal ESD Protector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1214A Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM1214A Datasheet HTML 1Page - California Micro Devices Corp CM1214A Datasheet HTML 2Page - California Micro Devices Corp CM1214A Datasheet HTML 3Page - California Micro Devices Corp CM1214A Datasheet HTML 4Page - California Micro Devices Corp CM1214A Datasheet HTML 5Page - California Micro Devices Corp CM1214A Datasheet HTML 6Page - California Micro Devices Corp CM1214A Datasheet HTML 7Page - California Micro Devices Corp CM1214A Datasheet HTML 8Page - California Micro Devices Corp CM1214A Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2007 California Micro Devices Corp. All rights reserved.
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
5
Issue A – 10/29/07
CM1214A
Performance Information (cont’d)
Typical Filter Performance (nominal conditions unless specified otherwise, 50 Ohm Environment)
Figure 5. Insertion Loss vs. Frequency (0V DC Bias)
Figure 6. Insertion Loss vs. Frequency (2.5V DC Bias)


Similar Part No. - CM1214A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1214A ONSEMI-CM1214A Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
CM1214A ONSEMI-CM1214A Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
CM1214A-01SO ONSEMI-CM1214A-01SO Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
CM1214A-01SO ONSEMI-CM1214A-01SO Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
CM1214A-02MR ONSEMI-CM1214A-02MR Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
More results

Similar Description - CM1214A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM1214 ETC-CM1214 Datasheet
321Kb / 10P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
ON Semiconductor
CM1214A ONSEMI-CM1214A_16 Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
CM1214 ONSEMI-CM1214 Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
CM1214A ONSEMI-CM1214A Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
FCDN614 ONSEMI-FCDN614 Datasheet
220Kb / 4P
   1-Channel ESD Protector
June, 2012 ??Rev. 4
CM1771 ONSEMI-CM1771 Datasheet
87Kb / 3P
   1-Channel ESD Protector
October, 2011 ??Rev. P6
FCDN608 ONSEMI-FCDN608 Datasheet
79Kb / 3P
   1-Channel ESD Protector
May, 2011 ??Rev. 3
HBL1008 ONSEMI-HBL1008 Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1010 ONSEMI-HBL1010 Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
CM1773-5006YL ONSEMI-CM1773-5006YL Datasheet
86Kb / 3P
   1-Channel ESD Protector
November, 2011 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com