Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1214A-01SO Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM1214A-01SO
Description  1 and 2 Channel PicoGuardTM AC Signal ESD Protector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1214A-01SO Datasheet(HTML) 7 Page - California Micro Devices Corp

  CM1214A-01SO Datasheet HTML 1Page - California Micro Devices Corp CM1214A-01SO Datasheet HTML 2Page - California Micro Devices Corp CM1214A-01SO Datasheet HTML 3Page - California Micro Devices Corp CM1214A-01SO Datasheet HTML 4Page - California Micro Devices Corp CM1214A-01SO Datasheet HTML 5Page - California Micro Devices Corp CM1214A-01SO Datasheet HTML 6Page - California Micro Devices Corp CM1214A-01SO Datasheet HTML 7Page - California Micro Devices Corp CM1214A-01SO Datasheet HTML 8Page - California Micro Devices Corp CM1214A-01SO Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 2007 California Micro Devices Corp. All rights reserved.
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
7
Issue A – 10/29/07
CM1214A
Application Information (cont’d)
Figure 9. Typical Application - IEEE1394 Protection, CM1214A-02MR in 8-lead MSOP
1
2
3
IEEE1394
CM1214-02
PHY
4
LLC
GALV
iso
CM1214-02
GND
Keep the ESD devices on the PHY side of the galvanic isolation and inside the VCC
domain of the PHY controller.


Similar Part No. - CM1214A-01SO

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1214A-01SO ONSEMI-CM1214A-01SO Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
CM1214A-01SO ONSEMI-CM1214A-01SO Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
More results

Similar Description - CM1214A-01SO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM1214 ETC-CM1214 Datasheet
321Kb / 10P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
ON Semiconductor
CM1214A ONSEMI-CM1214A_16 Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
CM1214 ONSEMI-CM1214 Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
CM1214A ONSEMI-CM1214A Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
FCDN614 ONSEMI-FCDN614 Datasheet
220Kb / 4P
   1-Channel ESD Protector
June, 2012 ??Rev. 4
CM1771 ONSEMI-CM1771 Datasheet
87Kb / 3P
   1-Channel ESD Protector
October, 2011 ??Rev. P6
FCDN608 ONSEMI-FCDN608 Datasheet
79Kb / 3P
   1-Channel ESD Protector
May, 2011 ??Rev. 3
HBL1008 ONSEMI-HBL1008 Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1010 ONSEMI-HBL1010 Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
CM1773-5006YL ONSEMI-CM1773-5006YL Datasheet
86Kb / 3P
   1-Channel ESD Protector
November, 2011 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com