Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5543-KL Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5543-KL
Description  22-Bit, Multi-Channel DS ADC Chip Set
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5543-KL Datasheet(HTML) 5 Page - Cirrus Logic

  CS5543-KL Datasheet HTML 1Page - Cirrus Logic CS5543-KL Datasheet HTML 2Page - Cirrus Logic CS5543-KL Datasheet HTML 3Page - Cirrus Logic CS5543-KL Datasheet HTML 4Page - Cirrus Logic CS5543-KL Datasheet HTML 5Page - Cirrus Logic CS5543-KL Datasheet HTML 6Page - Cirrus Logic CS5543-KL Datasheet HTML 7Page - Cirrus Logic CS5543-KL Datasheet HTML 8Page - Cirrus Logic CS5543-KL Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
CS5542 CS5543
DS109PP2
5
MCLK
FSYNC
valid data
DATACLK
TCK, CLKIN
FRAME
DATAOUT [3:0]
DMODE [2:0],
DATSEL[3:0],
JTAG pins,
OE, FEGAIN
11
valid data
DATAIN [3:0]
15
14
13
20
9
16
17
19
3
18
19
4
21
22
CS5542/CS5543 System Timing Diagram
CLKIN
DATAOUT [3:0]
sign bit from
"nearest" channel
(beginning of Frame N-2)
parity bit from
"most remote" channel
(end of Frame N-3)
DATACLK
CLKIN
FRAME
DATAOUT [3:0]
FRAME
1 Filter Output Time
Output Word Cycle
N - 1
N
N + 1
N + 2
N + 3
DATACLK
N - 1
N - 2
N - 3
Expanded inter-view timing
N
Multi-Frame System Timing Diagram


Similar Part No. - CS5543-KL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5540 CIRRUS-CS5540 Datasheet
425Kb / 22P
   LOW POWER LOW VOLTAGE 24- BIT ACD
CS5540-AS CIRRUS-CS5540-AS Datasheet
425Kb / 22P
   LOW POWER LOW VOLTAGE 24- BIT ACD
CS5541 CIRRUS-CS5541 Datasheet
517Kb / 26P
   Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
CS5541-BS CIRRUS-CS5541-BS Datasheet
517Kb / 26P
   Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
More results

Similar Description - CS5543-KL

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
logo
Linear Technology
LTC2412 LINER-LTC2412 Datasheet
409Kb / 36P
   2-Channel Differential Input 24-Bit No Latency DS ADC
LTC2436-1 LINER-LTC2436-1 Datasheet
292Kb / 28P
   2-Channel Differential Input 16-Bit No Latency DS ADC
LTC2433-1 LINER-LTC2433-1 Datasheet
298Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
logo
Linear Integrated Syste...
LTC2433-1 LINEAR-LTC2433-1 Datasheet
306Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
logo
Asahi Kasei Microsystem...
AK5385AVF AKM-AK5385AVF Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
logo
Linear Technology
LTC2451 LINER-LTC2451_1 Datasheet
251Kb / 18P
   Ultra-Tiny, 16-Bit DS ADC with I2C Interface
logo
Asahi Kasei Microsystem...
AK5385AVS AKM-AK5385AVS Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
AK5352VF AKM-AK5352VF Datasheet
177Kb / 19P
   96kHz Sampling DS 20bit ADC
logo
PHOENIX CONTACT
1780264 PHOENIX-1780264 Datasheet
42Kb / 1P
   Connector set - MSTBP-SET/EMUG 22- 4REL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com