Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

17-21-GHC-YR1S2-3T Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Part No. 17-21-GHC-YR1S2-3T
Description  0805 Package Chip LED
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

17-21-GHC-YR1S2-3T Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button 17-21-GHC-YR1S2-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 6 of 10
Device No.;SZ DSE-171-G11
Prepared date:18-Aug-2005
Prepared by:Meng Yali
17-21/GHC-YR1S2/3T
Label explanation
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm, Unit = mm
xxxxxx
xxxxxx
xxxxxxxxxxxx
xxxx
xxxxxxxx
RoHS


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
17-21BHC0805 Package Chip LED 1.1mm Height 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
AL-HB435A0805 Package Super Blue SMD Chip LED Lamps 1.0mm Height 1 2 3 4 5 A-BRIGHT Inc
AL-HG435A0805 Package Bluish Green SMD Chip LED Lamps 1.0mm Height 1 2 3 4 5 A-BRIGHT Inc
23-21B-BHC-AN1P2Reverse Package Chip LED 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
GHC-YR2T1Reverse Package Chip LED 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
AL-HB4331206 Package Super Blue SMD Chip LED Lamps 1 2 3 4 5 A-BRIGHT Inc
23-21-BHC-AN1P2Reverse Package Chip LED 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
AL-HB433A1206 Package Super Blue SMD Chip LED Lamps 1 2 3 4 5 A-BRIGHT Inc
W1D-ANQHYReverse Package Chip LED 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
AL-HB436A0603 Package Super Blue SMD Chip LED Lamps 0.6mm Height 1 2 3 4 5 A-BRIGHT Inc

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn